전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSLT-S009T 데이터시트(PDF) 6 Page - Hitachi Metals, Ltd

부품명 FSLT-S009T
상세설명  2012 Size Chip Multilayer RF Transformer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI-METALS [Hitachi Metals, Ltd]
홈페이지  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

FSLT-S009T 데이터시트(HTML) 6 Page - Hitachi Metals, Ltd

  FSLT-S009T Datasheet HTML 1Page - Hitachi Metals, Ltd FSLT-S009T Datasheet HTML 2Page - Hitachi Metals, Ltd FSLT-S009T Datasheet HTML 3Page - Hitachi Metals, Ltd FSLT-S009T Datasheet HTML 4Page - Hitachi Metals, Ltd FSLT-S009T Datasheet HTML 5Page - Hitachi Metals, Ltd FSLT-S009T Datasheet HTML 6Page - Hitachi Metals, Ltd FSLT-S009T Datasheet HTML 7Page - Hitachi Metals, Ltd FSLT-S009T Datasheet HTML 8Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FSLT-S009T8-038 Sample Data
LT-FSLT-S009T-0408A
l og MAG
1 0 d B/
ph as e
/
1 U FS
REF 0 d B
- 180
- 179
- 178
- 177
- 176
- 175
179
178
177
176
175
REF - 1 80
1
l o g MAG
REF - 9 dB
1 d B/
l o g MAG
REF - 9 dB
1 d B/
0
0. 5
1. 0
1. 5
2. 0
2. 5
3. 0
3. 5
15 0oh m
15 0oh m
3p F
0
0. 5
1. 0
1. 5
2. 0
2. 5
3. 0
3. 5
0
10
20
30
40
50
START
10 MHz
STOP
5 10 MHz
Ch i p RF Tr a n s f o r me r
" FSL T- S0 0 9 T8 - 0 3 8 "
5 0 o h m :
4 0 0 o h m
I n s e r t i o n L o s s ( Ou t 1 , Ou t 2 ) :
me a s u r e me n t - s p l i t t i n g l o s s - r e s i s t o r
l o s s
START
1 0 MHz
STOP
510 MHz
START
1 0 MHz
STOP
510 MHz
1 :
- 15 . 92 9 dB
38 0 MHz
1
1
1 :
3 8. 6 84 ohm - 9 . 3 945 ohm 44 . 58 2 pF
380 MHz
1 :
- 9 . 85 98 dB
1
1 :
- 9 . 48 37 dB
1
1
1 : - 17 9. 7 2
38 0 MHz
38 0 MHz
38 0 MHz
All the technical data and information contained
herein are subject to change without notice.


유사한 부품 번호 - FSLT-S009T

제조업체부품명데이터시트상세설명
logo
Hitachi Metals, Ltd
FSLT-S087G HITACHI-METALS-FSLT-S087G Datasheet
64Kb / 5P
   2012 Size 806-928MHz Band Chip Multilayer RF Transformer
More results

유사한 설명 - FSLT-S009T

제조업체부품명데이터시트상세설명
logo
Hitachi Metals, Ltd
FSLT-S087G HITACHI-METALS-FSLT-S087G Datasheet
64Kb / 5P
   2012 Size 806-928MHz Band Chip Multilayer RF Transformer
ESLT-S245E HITACHI-METALS-ESLT-S245E Datasheet
49Kb / 4P
   2012 Size 2.4/2.5GHz Band Chip Multilayer RF Transformer
FSLT-S180G HITACHI-METALS-FSLT-S180G Datasheet
66Kb / 5P
   2012 Size 1.71-1.91GHz Band Chip Multilayer RF Transformer
FSLC-S170E HITACHI-METALS-FSLC-S170E Datasheet
85Kb / 3P
   2012 Size Chip Multilayer Coupler
FSLC-S170N HITACHI-METALS-FSLC-S170N Datasheet
44Kb / 3P
   2012 Size Chip Multilayer Coupler
FSLB-S245C HITACHI-METALS-FSLB-S245C Datasheet
61Kb / 3P
   2012 Size Chip Multilayer Band Pass Filter
FSLC-S090S-A HITACHI-METALS-FSLC-S090S-A Datasheet
43Kb / 4P
   2012 Size 800/850 MHz Chip Multilayer Coupler
FSLC-S090T-A HITACHI-METALS-FSLC-S090T-A Datasheet
55Kb / 4P
   2012 Size 800/850 MHz Chip Multilayer Coupler
FSLC-S090T-P HITACHI-METALS-FSLC-S090T-P Datasheet
55Kb / 4P
   2012 Size 925/960 MHz Chip Multilayer Coupler
FSLC-S190N HITACHI-METALS-FSLC-S190N Datasheet
42Kb / 4P
   2012 Size 1850/1910 MHz Chip Multilayer Coupler
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com