전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CM270026 데이터시트(PDF) 34 Page - List of Unclassifed Manufacturers

부품명 CM270026
상세설명  MAGNETIC POWDER CORES
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

CM270026 데이터시트(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button CM270026 Datasheet HTML 30Page - List of Unclassifed Manufacturers CM270026 Datasheet HTML 31Page - List of Unclassifed Manufacturers CM270026 Datasheet HTML 32Page - List of Unclassifed Manufacturers CM270026 Datasheet HTML 33Page - List of Unclassifed Manufacturers CM270026 Datasheet HTML 34Page - List of Unclassifed Manufacturers CM270026 Datasheet HTML 35Page - List of Unclassifed Manufacturers CM270026 Datasheet HTML 36Page - List of Unclassifed Manufacturers CM270026 Datasheet HTML 37Page - List of Unclassifed Manufacturers CM270026 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
65 ::: Chang Sung Corporation
BLOCK CORES
• Large energy storage capacity
• No magnetic flux leakage
• Good temperature stability
• Low core loss at high frequency
• High inductance choke coils
• Flyback transformers
• Multiple circuit choke coils
• Output chokes for SMPS
Features
Applications
Product Identification
BK 6 3 20 - 060
Height : 20mm
Length : 60mm
Available size : 50mm~80mm
Width : 30mm
Mega Flux Block Core
BH : High Flux, BS: Sendust
Available perm. 26,40,60μ
Available HT : 15mm~20mm
Permeability :60μ
BK5315
BK5320
BK6315
BK6320
BK7315
BK7320
BK8315
BK8320
Part No.
50.5
50.5
60.5
60.5
70.5
70.5
80.5
80.5
Dimensions(mm)
AB
C
30.3
30.3
30.3
30.3
30.3
30.3
30.3
30.3
15
20
15
20
15
20
15
20
BS(Sendust Block Core), BH(High Flux Core) and customized designs are also available.
Magnetic Powder Cores :::
66
Cross
Section
Area(cm2)
4.5
6
4.5
6
4.5
6
4.5
6
BK5315
BK5320
BK6315
BK6320
BK7315
BK7320
BK8315
BK8320
Unit
Part No.
Assembled
(L x W x H mm)
Sectional
Area
(cm2)
Window
Area
(cm2)
Path
Length
(cm)
AL value (nH/N2) 12%
026μ
040μ
060μ
80 x 50 x 30
90 x 50 x 30
90 x 60 x 30
100 x 60 x 30
100 x 70 x 30
110 x 70 x 30
110 x 80 x 30
120 x 80 x 30
18.71
18.28
22.71
22.28
26.71
26.28
30.71
30.28
15
24
18
12
28
21
40
32
3
3
4.5
6
4.5
6
4.5
6
95
130
79
107
67
91
58
78
121
165
100
135
85
115
74
100
181
247
149
203
127
172
110
149
BLOCK CORES ASSEMBLY
Permeability vs DC Bias Curves


유사한 부품 번호 - CM270026

제조업체부품명데이터시트상세설명
logo
Chicago Miniature Lamp,...
CM2709 CML-CM2709 Datasheet
227Kb / 1P
   G-4 1/2 Miniature Bayonet Base
More results

유사한 설명 - CM270026

제조업체부품명데이터시트상세설명
logo
YUXIANG Magnetc materia...
YU61-26CORE YUXIANG-YU61-26CORE Datasheet
55Kb / 1P
   U TYPE IRON POWDER CORES
logo
Magnetics, a division o...
0076083A7 MAGNETICS-0076083A7 Datasheet
679Kb / 1P
   Kool Mµ® Hƒ Powder Cores
0076894A7HT15 MAGNETICS-0076894A7HT15 Datasheet
629Kb / 1P
   Kool Mµ® Hƒ Powder Cores
2/24/2022
logo
Ferroxcube Internationa...
F07_2011 FERROXCUBE-F07_2011 Datasheet
354Kb / 4P
   Powder cores manufacturing location and 12NC change
logo
VACUUMSCHMELZE GmbH & C...
T60006-L2019-W766 VACUUMSCHMELZE-T60006-L2019-W766 Datasheet
47Kb / 2P
   Specification for Soft Magnetic Cores
T60006-L2009-W914 VACUUMSCHMELZE-T60006-L2009-W914 Datasheet
39Kb / 1P
   Specification for Soft Magnetic Cores
T60004-L2052-W827 VACUUMSCHMELZE-T60004-L2052-W827 Datasheet
29Kb / 2P
   Specification for Soft Magnetic Cores
T60006-E4012-W535 VACUUMSCHMELZE-T60006-E4012-W535 Datasheet
27Kb / 2P
   Specification for Soft Magnetic Cores
T60006-L2040-V113 VACUUMSCHMELZE-T60006-L2040-V113 Datasheet
27Kb / 2P
   Specification for Soft Magnetic Cores
T60006-L2040-W422 VACUUMSCHMELZE-T60006-L2040-W422 Datasheet
28Kb / 2P
   Specification for Soft Magnetic Cores
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com