전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BT134-D 데이터시트(PDF) 1 Page - SemiWell Semiconductor

부품명 BT134-D
상세설명  Bi-Directional Triode Thyristor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMIWELL [SemiWell Semiconductor]
홈페이지  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

BT134-D 데이터시트(HTML) 1 Page - SemiWell Semiconductor

  BT134-D Datasheet HTML 1Page - SemiWell Semiconductor BT134-D Datasheet HTML 2Page - SemiWell Semiconductor BT134-D Datasheet HTML 3Page - SemiWell Semiconductor BT134-D Datasheet HTML 4Page - SemiWell Semiconductor BT134-D Datasheet HTML 5Page - SemiWell Semiconductor BT134-D Datasheet HTML 6Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Absolute Maximum Ratings ( T
J = 25°C unless otherwise specified )
Symbol
Parameter
Condition
Ratings
Units
VDRM
Repetitive Peak Off-State Voltage
600
V
IT(RMS)
R.M.S On-State Current
TC = 104 °C, Full Sine wave
4A
ITSM
Surge On-State Current
One Cycle, 50Hz/60Hz, Peak,
Non-Repetitive
25/27
A
I2t
I2t for Fusing
t = 10ms
3.1
A2s
PGM
Peak Gate Power Dissipation
5
W
PG(AV)
Average Gate Power Dissipation
Over any 20ms period
0.5
W
IGM
Peak Gate Current
2
A
VGM
Peak Gate Voltage
5
V
TJ
Operating Junction Temperature
- 40 ~ 125
°C
TSTG
Storage Temperature
- 40 ~ 150
°C
BT134-D
Mar, 2004. Rev. 0
Features
Repetitive Peak Off-State Voltage : 600V
R.M.S On-State Current ( IT(RMS)= 4 A )
High Commutation dv/dt
Sensitive Gate Triggering 4 Mode
General Description
This device is sensitive gate triac suitable for direct coupling
to TTL, HTL, CMOS and application such as various logic
functions, low power AC switching applications, such as fan
speed, small light controllers and home appliance equipment.
2.T2
3.Gate
1.T1
Symbol
▼▲
1/6
SemiWell Semiconductor
Bi-Directional Triode Thyristor
copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.
TO-126
3
2
1
Preliminary


유사한 부품 번호 - BT134-D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BT134-500 PHILIPS-BT134-500 Datasheet
46Kb / 6P
   Triacs
August 1997 Rev 1.200
BT134-500D PHILIPS-BT134-500D Datasheet
45Kb / 6P
   Triacs logic level
August 1997 Rev 1.200
logo
Kersemi Electronic Co.,...
BT134-500D KERSEMI-BT134-500D Datasheet
765Kb / 4P
   Glass passivated triacs in a plastic
logo
NXP Semiconductors
BT134-500E PHILIPS-BT134-500E Datasheet
45Kb / 6P
   Triacs sensitive gate
August 1997 Rev 1.200
logo
Kersemi Electronic Co.,...
BT134-500E KERSEMI-BT134-500E Datasheet
765Kb / 4P
   Glass passivated triacs in a plastic
More results

유사한 설명 - BT134-D

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
   Bi-Directional Triode Thyristor
logo
SemiWell Semiconductor
BT134F SEMIWELL-BT134F Datasheet
651Kb / 6P
   Bi-Directional Triode Thyristor
BT138F-600 SEMIWELL-BT138F-600 Datasheet
681Kb / 6P
   Bi-Directional Triode Thyristor
STR2A60 SEMIWELL-STR2A60 Datasheet
487Kb / 5P
   Bi-Directional Triode Thyristor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
   Bi-Directional Triode Thyristor
STW25A60 SEMIWELL-STW25A60_07 Datasheet
536Kb / 5P
   Bi-Directional Triode Thyristor
logo
Shenzhen Winsemi Microe...
WTF12A60 WINSEMI-WTF12A60 Datasheet
489Kb / 6P
   Bi-Directional Triode Thyristor
WTPA24A60BW WINSEMI-WTPA24A60BW Datasheet
382Kb / 5P
   Bi-Directional Triode Thyristor
logo
List of Unclassifed Man...
BT134-F ETC-BT134-F Datasheet
670Kb / 6P
   BI- DIRECTIONAL TRIODE THYRISTOR
logo
SemiWell Semiconductor
STF12A60 SEMIWELL-STF12A60 Datasheet
728Kb / 6P
   Bi-Directional Triode Thyristor
BT136-D SEMIWELL-BT136-D Datasheet
605Kb / 5P
   Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com