전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5290EVAL 데이터시트(PDF) 2 Page - Analog Devices

부품명 AD5290EVAL
상세설명  Compact 30V/짹15V 256-Position Digital Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5290EVAL 데이터시트(HTML) 2 Page - Analog Devices

  AD5290EVAL Datasheet HTML 1Page - Analog Devices AD5290EVAL Datasheet HTML 2Page - Analog Devices AD5290EVAL Datasheet HTML 3Page - Analog Devices AD5290EVAL Datasheet HTML 4Page - Analog Devices AD5290EVAL Datasheet HTML 5Page - Analog Devices AD5290EVAL Datasheet HTML 6Page - Analog Devices AD5290EVAL Datasheet HTML 7Page - Analog Devices AD5290EVAL Datasheet HTML 8Page - Analog Devices AD5290EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Preliminary Technical Data
AD5290
Rev. Pr C | Page 2 of 11
ELECTRICAL CHARACTERISTICS—10 kΩ, 50 kΩ, 100 kΩ VERSIONS
(VDD/VSS = ±15V±10% or ±5V±10%, VA = +VDD, VB = VSS/0V, -40°C < TA < +105°C unless otherwise noted)
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS—RHEOSTAT MODE
Resistor Differential Nonlinearity2
R-DNL
RWB, VA = no connect
–1
±0.1
+1
LSB
Resistor Integral Nonlinearity2
R-INL
RWB, VA = no connect
–2
±0.25
+2
LSB
Nominal Resistor Tolerance3
∆RAB
TA = 25°C
–30
+30
%
Resistance Temperature Coefficient
(∆RAB/RAB)/∆T*106
VAB = VDD,
Wiper = no connect
35
ppm/°C
Wiper Resistance
RW
VDD = 30 V
50
120
VDD = 5 V
200
400
DC CHARACTERISTICS—POTENTIOMETER DIVIDER MODE
Resolution
N
8
Bits
Differential Nonlinearity4
DNL
–1
±0.1
+1
LSB
Integral Nonlinearity4
INL
–1
±0.3
+1
LSB
Voltage Divider Temperature Coefficient
(∆VW/VW)/∆T*106
Code = 0x80
5
ppm/°C
Full-Scale Error
VWFSE
Code = 0xFF
–3
–1
0
LSB
Zero-Scale Error
VWZSE
Code = 0x00
0
1
3
LSB
RESISTOR TERMINALS
Voltage Range5
VA,B,W
VSS
VDD
V
Capacitance6 A, B
CA,B
f = 1 MHz, measured to
GND, Code = 0x80
45
pF
Capacitance6 W
CW
f = 1 MHz, measured to
GND, Code = 0x80
60
pF
Common-Mode Leakage
ICM
VA = VB = VW
1
nA
DIGITAL INPUTS AND OUTPUTS
Input Logic High
VIH
VDD = +5V or +15V
2.4
V
Input Logic Low
VIL
VDD = +5V or +15V
0.8
V
Output Logic High
VOH
RL = 2.2 kΩ to +5 V
4.9
V
Output Logic Low
VOL
IOL = 1.6mA, VLOGIC = +5V,
VDD = +15V
0.4
V
Input Current
II
VIN = 0 V or +15 V
±1
µA
Input Capacitance
CI
5
pF
POWER SUPPLIES
Power Supply Range
VDD/VSS
Dual Supply Range
±2.7
±16.5
V
Power Supply Range
VDD
Single Supply Range, VSS =
0 V
+2.7
+30
V
Supply Current6
IDD
VIH = 5 V or VIL = 0 V, VDD =
+5 V
0.1
10
µA
Supply Current
IDD
VIH = 5 V or VIL = 0 V, VDD =
+15 V
0.75
2
mA
Supply Current
ISS
VIH = 5 V or VIL = 0 V, VSS = -
5 V or –15 V
0.02
0.1
mA
Power Dissipation7
PDISS
VIH = 5 V or VIL = 0 V, VDD =
+15 V, VSS = -15 V
11
30
mW
Power Supply Sensitivity
PSS
∆V
DD = +15V ±10%, or
∆V
SS = -15V ±10%, Code =
Midscale
±0.01
±0.02
%/%
DYNAMIC CHARACTERISTICS6, 8
Bandwidth –3dB
BW
RAB = 10 kΩ/50 kΩ/100 kΩ,
Code = 0x80
525/125/60
kHz


유사한 부품 번호 - AD5290EVAL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5290YRMZ10 AD-AD5290YRMZ10 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5290YRMZ100 AD-AD5290YRMZ100 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5290YRMZ100-R7 AD-AD5290YRMZ100-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5290YRMZ50 AD-AD5290YRMZ50 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
More results

유사한 설명 - AD5290EVAL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5245 AD-AD5245_15 Datasheet
687Kb / 20P
   256-Position IC-Compatible Digital Potentiometer
REV. B
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5207 AD-AD5207 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com