전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA6130-5X4 데이터시트(PDF) 8 Page - Siemens Semiconductor Group

부품명 TDA6130-5X4
상세설명  2-GHz MIXER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA6130-5X4 데이터시트(HTML) 8 Page - Siemens Semiconductor Group

  TDA6130-5X4 Datasheet HTML 1Page - Siemens Semiconductor Group TDA6130-5X4 Datasheet HTML 2Page - Siemens Semiconductor Group TDA6130-5X4 Datasheet HTML 3Page - Siemens Semiconductor Group TDA6130-5X4 Datasheet HTML 4Page - Siemens Semiconductor Group TDA6130-5X4 Datasheet HTML 5Page - Siemens Semiconductor Group TDA6130-5X4 Datasheet HTML 6Page - Siemens Semiconductor Group TDA6130-5X4 Datasheet HTML 7Page - Siemens Semiconductor Group TDA6130-5X4 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image


유사한 부품 번호 - TDA6130-5X4

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TDA6131 INFINEON-TDA6131 Datasheet
388Kb / 20P
   Mixer/Oscillator
Version 1.0 March 2000
TDA6131XS INFINEON-TDA6131XS Datasheet
388Kb / 20P
   Mixer/Oscillator
Version 1.0 March 2000
More results

유사한 설명 - TDA6130-5X4

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
PMB2330 SIEMENS-PMB2330 Datasheet
175Kb / 7P
   2-GHz-Mixer
logo
ATMEL Corporation
U2796B ATMEL-U2796B Datasheet
98Kb / 10P
   2-GHz Single-Balanced Mixer
logo
TEMIC Semiconductors
U2796B TEMIC-U2796B Datasheet
150Kb / 11P
   2-GHz Single Balanced Mixer
logo
HBH Microwave GmbH
HX5005 HBH-HX5005 Datasheet
39Kb / 2P
   2 - 7 GHz GaAs Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC115 HITTITE-HMC115 Datasheet
95Kb / 1P
   GaAs DOUBLE-BALANCED 2 TO 6 GHz MIXER
logo
HBH Microwave GmbH
HX5002_SMD HBH-HX5002_SMD Datasheet
19Kb / 1P
   4 - 6 GHz Mixer
logo
Qorvo, Inc
CMD181K3 QORVO-CMD181K3 Datasheet
405Kb / 13P
   26-44 GHz Mixer
logo
HBH Microwave GmbH
HX5002 HBH-HX5002 Datasheet
20Kb / 1P
   4 - 6 GHz Mixer
logo
TriQuint Semiconductor
TGC1430H TRIQUINT-TGC1430H Datasheet
438Kb / 3P
   20 - 40 GHz IQ Mixer
logo
Qorvo, Inc
CMD177C3 QORVO-CMD177C3 Datasheet
237Kb / 11P
   6-14 GHz Fundamental Mixer
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com