์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MCK100-6 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - SemiWell Semiconductor

๋ถ€ํ’ˆ๋ช… MCK100-6
์ƒ์„ธ๋‚ด์šฉ  Sensitive Gate Silicon Controlled Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SEMIWELL [SemiWell Semiconductor]
ํ™ˆํŽ˜์ด์ง€  http://www.semiwellsemi.co.kr
Logo 

MCK100-6 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - SemiWell Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
/ 5 page
 3 / 5 page
background image
-50
0
50
100
150
0.1
1
10
Junction Temperature[
oC]
10
-2
10
-1
10
0
10
1
10
2
10
3
10
0
10
1
10
2
R
ฮธ (J-C)
Time (sec)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
-1
10
0
10
1
125
oC
25
oC
On-State Voltage [V]
10
0
10
1
10
2
10
3
10
4
10
-1
10
0
10
1
V
GD(0.2V)
P
G(AV)(0.1W)
P
GM(2W)
V
GM(5V)
25
oC
Gate Current [mA]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
20
40
60
80
100
120
140
160
ฮธ = 180
o
Average On-State Current [A]
MCK100-6
Fig 2. Maximum Case Temperature
Fig 3. Typical Forward Voltage
Fig 4. Thermal Response
Fig 5. Typical Gate Trigger Voltage vs.
Junction Temperature
Fig 6. Typical Gate Trigger Current vs.
Junction Temperature
Fig 1. Gate Characteristics
ฮธ : Conduction Angle
360ยฐ
ฮธ
2
ฯ€ฯ€
3/5
-50
0
50
100
150
0.1
1
10
Junction Temperature[
oC]


Html Pages

1  2  3  4  5 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
SCN2C60Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 List of Unclassifed Manufacturers
MCK100-8Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor
S406010 AMPERE SENSITIVE GATE SILICON CONTROLLED RECTIFIERS 1 2 3 4 List of Unclassifed Manufacturers
MCR100SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 1 2 3 4 Unisonic Technologies
C106Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 MoreON Semiconductor
MCK22-8Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 List of Unclassifed Manufacturers
MCR100Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 MoreON Semiconductor
MCR106Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 ON Semiconductor
MCR72-3SENSITIVE GATE SILICON CONTROLLED RECTIFIERS 1 2 3 4 ON Semiconductor
MCR101SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 1 2 3 4 Unisonic Technologies

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn