전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSI-1 데이터시트(PDF) 11 Page - Agere Systems

부품명 TSI-1
상세설명  1k x 1k Time-Slot Interchanger
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AGERE [Agere Systems]
홈페이지  
Logo AGERE - Agere Systems

TSI-1 데이터시트(HTML) 11 Page - Agere Systems

Back Button TSI-1 Datasheet HTML 7Page - Agere Systems TSI-1 Datasheet HTML 8Page - Agere Systems TSI-1 Datasheet HTML 9Page - Agere Systems TSI-1 Datasheet HTML 10Page - Agere Systems TSI-1 Datasheet HTML 11Page - Agere Systems TSI-1 Datasheet HTML 12Page - Agere Systems TSI-1 Datasheet HTML 13Page - Agere Systems TSI-1 Datasheet HTML 14Page - Agere Systems TSI-1 Datasheet HTML 15Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
Data Sheet, Revision 3
September 21, 2005
TSI-1
1k x 1k Time-Slot Interchanger
Agere Systems Inc.
11
2.3.2 Bottom View
Table 2-3. Package Ball Assignments (Bottom View)
1
2
3
4
5
6
7
8
9
101112
13
14
15
16
17
18
V
VSS
RXD00
RXD02
RXD04
RXD06
RXD08
RXD11
RXD14
NC
NC
NC
NC
NC
NC
NC
NC
RSV11
VSS
U
NC
VSS
RXD01
RXD03
RXD05
RXD07
RXD10
RXD13
RXD15
NC
NC
NC
NC
NC
NC
NC
VSS
VSS
T
NC
NC
VSS
NC
VDD33
VDD33
RXD09
RXD12
VDD33
VDD33
FSYNC
VSS
VSS
VDD33
NC
VSS
VDD33
RSV10
R
NC
NC
VDD33
VSS
VSS
VSS
VDD15
VDD15
VSS
VSS
VDD15
VDD15
VSSPLL
VDDPLL
VSS
CHICLK
HIZ
PAR0
P
NC
NC
VDD33
VSS
————
———
PAR1
DATA15
DATA14
DATA13
N
NC
NC
NC
VSS
————
———
DATA12
DATA11
DATA10
DATA09
M
NC
NC
VSS
VDD15
————
———
DATA08
DATA07
DATA06
DATA05
L
NC
NC
VSS
VDD15
VSS
VSS
VSS
VSS
——
VSS
DATA04
DATA03
DATA02
K
NC
NC
NC
VSS
VSS
VSS
VSS
VSS
——
MPUCLK
VDD33
DATA01
DATA00
J
TXD15
TXD14
VDD33
VSS
VSS
VSS
VSS
VSS
——
VSS
AS
R/W
CS
H
TXD13
TXD12
VDD33
VDD15
VSS
VSS
VSS
VSS
——
RESET
INT
DT
TRSTN
G
TXD11
TXD10
TXD09
VDD15
————
———
TMS
TDI
TCK
TDO
F
TXD08
TXD07
VDD33
VSS
————
———
VDD33
VSS
RSV1
RSV2
E
TXD06
TXD05
VDD33
VSS
————
———
RSV3
RSV4
RSV5
CKSPD0
D
TXD04
TXD03
VSS
VSS
VDD15
VDD15
VDD15
VSS
VDD33
VDD33
VSS
VDD15
VDD15
VDD15
VSS
CKSPD1
RSV6
RSV9
C
TXD02
TXD01
VSS
VSS
VDD15
VDD15
VDD15
VSS
VDD33
VDD33
VSS
VDD15
VDD15
VDD15
VSS
VSS
VDD33
RSV8
B
TXD00
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
RSV7
A
VSS
ADDR15
ADDR14
ADDR13
ADDR12
ADDR11
ADDR10
ADDR09
ADDR08
ADDR07
ADDR06
ADDR05
ADDR04
ADDR03
ADDR02
ADDR01
ADDR00
VSS


유사한 부품 번호 - TSI-1

제조업체부품명데이터시트상세설명
logo
Agere Systems
TSI-2 AGERE-TSI-2 Datasheet
1,016Kb / 61P
   2k x 2k Time-Slot Interchanger
TSI-4 AGERE-TSI-4 Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
TSI-8 AGERE-TSI-8 Datasheet
675Kb / 25P
   8K x 8K Time-Slot Interchanger
More results

유사한 설명 - TSI-1

제조업체부품명데이터시트상세설명
logo
Agere Systems
TSI-2 AGERE-TSI-2 Datasheet
1,016Kb / 61P
   2k x 2k Time-Slot Interchanger
TSI-8 AGERE-TSI-8 Datasheet
675Kb / 25P
   8K x 8K Time-Slot Interchanger
TSI-4 AGERE-TSI-4 Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
logo
Cypress Semiconductor
CY7C281A CYPRESS-CY7C281A Datasheet
137Kb / 8P
   1K x 8 PROM
CY7C281A CYPRESS-CY7C281A_06 Datasheet
266Kb / 8P
   1K x 8 PROM
logo
Sharp Corporation
LH5497 SHARP-LH5497 Datasheet
432Kb / 15P
   CMOS 1K X 9 FIFO
logo
Xicor Inc.
X76F100 XICOR-X76F100 Datasheet
275Kb / 16P
   1K 128 x 8 Bit
logo
List of Unclassifed Man...
SY10474-3 ETC1-SY10474-3 Datasheet
238Kb / 10P
   1K x 4 ECL RAM
logo
Cypress Semiconductor
CY7C235A CYPRESS-CY7C235A_95 Datasheet
227Kb / 9P
   1K x 8 Registered PROM
CY7C235A CYPRESS-CY7C235A Datasheet
211Kb / 10P
   1K x 8 Registered PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com