전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSI-2 데이터시트(PDF) 9 Page - Agere Systems

부품명 TSI-2
상세설명  2k x 2k Time-Slot Interchanger
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AGERE [Agere Systems]
홈페이지  
Logo AGERE - Agere Systems

TSI-2 데이터시트(HTML) 9 Page - Agere Systems

Back Button TSI-2 Datasheet HTML 5Page - Agere Systems TSI-2 Datasheet HTML 6Page - Agere Systems TSI-2 Datasheet HTML 7Page - Agere Systems TSI-2 Datasheet HTML 8Page - Agere Systems TSI-2 Datasheet HTML 9Page - Agere Systems TSI-2 Datasheet HTML 10Page - Agere Systems TSI-2 Datasheet HTML 11Page - Agere Systems TSI-2 Datasheet HTML 12Page - Agere Systems TSI-2 Datasheet HTML 13Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
Data Sheet, Revision 3
TSI-2
September 21, 2005
2k x 2k Time-Slot Interchanger
Agere Systems Inc.
9
Symbol
Ball
Symbol
Ball
Symbol
Ball
Symbol
Ball
Symbol
Ball
VSS
B2
VSS
C8
VSS
J9
VSS
R4
VSS
B3
VSS
C11
VSS
J10
VSS
R5
VSS
B4
VSS
C15
VSS
J11
VSS
R6
VSS
B5
VSS
C16
VSS
J15
VSS
R9
VSS
B6
VSS
D3
VSS
K4
VSS
R10
VSS
B7
VSS
D4
VSS
K8
VSS
R15
VSS
B8
VSS
D8
VSS
K9
VSS
T3
VSS
B9
VSS
D11
VSS
K10
VSS
T12
VSS
B10
VSS
D15
VSS
K11
VSS
T13
VSS
B11
VSS
E4
VSS
L3
VSS
T16
VSS
B12
VSS
F4
VSS
L8
VSS
U2
VSS
B13
VSS
F16
VSS
L9
VSS
U17
VSS
B14
VSS
H8
VSS
L10
VSS
U18
VSS
B15
VSS
H9
VSS
L11
VSS
V1
VSS
B16
VSS
H10
VSS
L15
VSS
V18
VSS
B17
VSS
H11
VSS
M3
VSSPLL
R13
VSS
C3
VSS
J4
VSS
N4
VSS
C4
VSS
J8
VSS
P4
Table 2-1. Package Ball Assignments in Signal Name Order (continued)


유사한 부품 번호 - TSI-2

제조업체부품명데이터시트상세설명
logo
Agere Systems
TSI-1 AGERE-TSI-1 Datasheet
1,012Kb / 61P
   1k x 1k Time-Slot Interchanger
TSI-4 AGERE-TSI-4 Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
TSI-8 AGERE-TSI-8 Datasheet
675Kb / 25P
   8K x 8K Time-Slot Interchanger
More results

유사한 설명 - TSI-2

제조업체부품명데이터시트상세설명
logo
Agere Systems
TSI-8 AGERE-TSI-8 Datasheet
675Kb / 25P
   8K x 8K Time-Slot Interchanger
TSI-1 AGERE-TSI-1 Datasheet
1,012Kb / 61P
   1k x 1k Time-Slot Interchanger
TSI-4 AGERE-TSI-4 Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
logo
List of Unclassifed Man...
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
logo
UMC Corporation
UM6116-2 UMC-UM6116-2 Datasheet
498Kb / 8P
   2K x 8 CMOS SRAM
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A_06 Datasheet
547Kb / 13P
   2K x 8 Reprogrammable PROM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
   2K x 8 Static RAM
logo
Pyramid Semiconductor C...
PY291A PYRAMID-PY291A Datasheet
100Kb / 9P
   2K X 8 REPROGRAMMABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com