전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3056-X-FS 데이터시트(PDF) 10 Page - Silicon Laboratories

부품명 SI3056-X-FS
상세설명  GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3056-X-FS 데이터시트(HTML) 10 Page - Silicon Laboratories

Back Button SI3056-X-FS Datasheet HTML 6Page - Silicon Laboratories SI3056-X-FS Datasheet HTML 7Page - Silicon Laboratories SI3056-X-FS Datasheet HTML 8Page - Silicon Laboratories SI3056-X-FS Datasheet HTML 9Page - Silicon Laboratories SI3056-X-FS Datasheet HTML 10Page - Silicon Laboratories SI3056-X-FS Datasheet HTML 11Page - Silicon Laboratories SI3056-X-FS Datasheet HTML 12Page - Silicon Laboratories SI3056-X-FS Datasheet HTML 13Page - Silicon Laboratories SI3056-X-FS Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
Si3056
Si3018/19/10
10
Rev. 1.05
Figure 2. General Inputs Timing Diagram
Table 5. Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
DC Supply Voltage
VD
–0.5 to 3.6
V
Input Current, Si3056 Digital Input Pins
IIN
±10
mA
Digital Input Voltage
VIND
–0.3 to (VD + 0.3)
V
Operating Temperature Range
TA
–40 to 100
°C
Storage Temperature Range
TSTG
–65 to 150
°C
Note: Permanent device damage can occur if the above absolute maximum ratings are exceeded. Restrict functional
operation to the conditions as specified in the operational sections of this data sheet. Exposure to absolute maximum
rating conditions for extended periods might affect device reliability.
Table 6. Switching Characteristics—General Inputs
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C, CL = 20 pF)
Parameter1
Symbol
Min
Typ
Max
Unit
Cycle Time, MCLK
tmc
16.67
1000
ns
MCLK Duty Cycle
tdty
40
50
60
%
MCLK Jitter Tolerance
tjitter
——
±2
ns
Rise Time, MCLK
tr
——
5
ns
Fall Time, MCLK
tf
——
5
ns
MCLK Before RESET
tmr
10
cycles
RESET Pulse Width2
trl
250
ns
M0, M Before RESET
3
tmxr
20
ns
Notes:
1. All timing (except Rise and Fall time) is referenced to the 50% level of the waveform. Input test levels are
VIH = VD – 0.4 V, VIL = 0.4 V. Rise and fall times are referenced to the 20% and 80% levels of the waveform.
2. The minimum RESET pulse width is the greater of 250 ns or 10 MCLK cycle times.
3. M0 and M are typically connected to VD or GND and should not be changed during normal operation.
MCLK
M0, M1
t
r
RESET
t
mc
t
mr
t
f
t
mxr
V
IH
V
IL
t
rl


유사한 부품 번호 - SI3056-X-FS

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
Si3056-X-FS ETC2-Si3056-X-FS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
More results

유사한 설명 - SI3056-X-FS

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3035 ETC-SI3035 Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com