전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3232 데이터시트(PDF) 6 Page - Silicon Laboratories

부품명 SI3232
상세설명  DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3232 데이터시트(HTML) 6 Page - Silicon Laboratories

Back Button SI3232 Datasheet HTML 2Page - Silicon Laboratories SI3232 Datasheet HTML 3Page - Silicon Laboratories SI3232 Datasheet HTML 4Page - Silicon Laboratories SI3232 Datasheet HTML 5Page - Silicon Laboratories SI3232 Datasheet HTML 6Page - Silicon Laboratories SI3232 Datasheet HTML 7Page - Silicon Laboratories SI3232 Datasheet HTML 8Page - Silicon Laboratories SI3232 Datasheet HTML 9Page - Silicon Laboratories SI3232 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 128 page
background image
Si3232
6
Preliminary Rev. 0.96
Table 3. Power Supply Characteristics1
(VDD, VDD1–VDD4 = 3.3 V, TA = 0 to 70 °C for K-Grade, –40 to 85 °C for B-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
VDD1–VDD4
Supply Current
(Si3232)
IVDD1–IVDD4 Sleep mode, RESET = 0
1
mA
Open (high impedance)
15
mA
Active on-hook standby
15
mA
Forward/reverse active off-hook
ABIAS = 4 mA
20
mA
Forward/reverse active OHT
OBIAS = 4 mA
12 +
ILIM
mA
Ringing, VRING =45Vrms,
VBAT = –70 V, Sine Wave, 1 REN load2
—28—
mA
VDD Supply
Current (Si3200)
IVDD
Sleep mode, RESET = 0
100
µA
Open (high impedance)
100
µA
Active on-hook standby
110
µA
Forward/reverse active off-hook,
ABIAS = 4 mA, VBAT =–24 V
—110
µA
Forward/reverse OHT, OBIAS = 4 mA,
VBAT =–70 V
—110
µA
Ringing, VRING =45Vrms,
VBAT = –70 V, Sine Wave, 7 REN load
—110
µA
VBAT Supply
Current (Si3200)
IVBAT
Sleep mode, RESET = 0, VBAT =–70 V
100
µA
Open (high impedance), VBAT = –70 V
225
µA
Active on-hook standby, VBAT = –70 V
400
µA
Forward/reverse active off-hook,
ABIAS = 4 mA, VBAT =–24 V
4.4 +
ILIM
—mA
Forward/reverse OHT, OBIAS = 4 mA,
VBAT =–70 V
—8.4
mA
Ringing, VRING =45Vrms,
VBAT = –70 V, Sine wave, 1 REN load2
—6—
mA
Notes:
1. All specifications are for a single channel based on measurements with both channels in the same operating state.
2. See “4.7.4. Ringing Power Considerations” for current and power consumption under other operating conditions.
3. Power consumption does not include additional power required for dc loop feed. Total system power consumption must
include an additional VBAT x ILIM term.


유사한 부품 번호 - SI3232

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3232 SILABS-SI3232 Datasheet
234Kb / 2P
   Broadband AND Voice Telephony Solutions
SI3232PPT0-EVB SILABS-SI3232PPT0-EVB Datasheet
1,017Kb / 18P
   EVALUATION BOARD FOR THE Si3232 DUAL PROSLIC
More results

유사한 설명 - SI3232

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
STMicroelectronics
LCDP1521 STMICROELECTRONICS-LCDP1521 Datasheet
94Kb / 8P
   DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCDP1521 STMICROELECTRONICS-LCDP1521_06 Datasheet
118Kb / 11P
   Dual line programmable transient voltage suppressor for SLIC protection
LCDP1521S STMICROELECTRONICS-LCDP1521S Datasheet
607Kb / 13P
   Dual line programmable transient voltage suppressor for SLIC protection
February 2017 Rev 7
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
STMicroelectronics
LCDP1511D STMICROELECTRONICS-LCDP1511D Datasheet
56Kb / 6P
   DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
logo
Silicon Laboratories
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Winbond
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
logo
Silicon Laboratories
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com