전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0103A 데이터시트(PDF) 4 Page - Tripath Technology Inc.

부품명 TA0103A
상세설명  Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPATH [Tripath Technology Inc.]
홈페이지  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA0103A 데이터시트(HTML) 4 Page - Tripath Technology Inc.

  TA0103A Datasheet HTML 1Page - Tripath Technology Inc. TA0103A Datasheet HTML 2Page - Tripath Technology Inc. TA0103A Datasheet HTML 3Page - Tripath Technology Inc. TA0103A Datasheet HTML 4Page - Tripath Technology Inc. TA0103A Datasheet HTML 5Page - Tripath Technology Inc. TA0103A Datasheet HTML 6Page - Tripath Technology Inc. TA0103A Datasheet HTML 7Page - Tripath Technology Inc. TA0103A Datasheet HTML 8Page - Tripath Technology Inc. TA0103A Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
4
TA0103 – Rev 3.3/06.00
Pin Description
Pin
Function
Description
1
AGND
Analog Ground
2
OVERLOADB
Logic output. When low, indicates that the level of the input signal has
overloaded the amplifier.
3
V5
Positive 5 Volts
4
MUTE
Logic input. When high, both amplifiers are muted. When low (grounded),
both amplifiers are fully operational.
5, 6
IN2, IN1
Single-ended input (Channel 1 & 2)
7, 8
BBM0, BBM1
Break-before-make timing control
9, 12
GNDKELVIN1,
GNDKELVIN2
Kelvin connection to speaker ground (Channel 1 & 2)
10, 11
OCR2, OCR1
Over-current threshold adjustment (Channel 1 & 2)
13, 14
OCS1L+, OCS1L-
Over Current Sense resistor, Channel 1 low-side
15, 16
OCS1H-, OCS1H+
Over Current Sense resistor, Channel 1 high-side
17, 30
LO1COM,
LO2COM
Kelvin connection to source of low-side transistor (Channel 1 & 2)
18, 29
FDBKN1;FDBKN2
Feedback (Channel 1 & 2)
19
VN12
Voltage: +12 V from VSNEG. Refer to Application Information section.
20, 27
LO1, LO2
Low side gate drive output (Channel 1 & 2)
21, 26
HO1COM, HO2COM
Kelvin connection to source of high-side transistor (Channel 1 & 2)
22, 25
HO1, HO2
High side gate drive output (Channel 1 & 2)
23
VSPOS
Positive supply voltage
24
VSNEG
Negative supply voltage
28
PGND
Power Ground
31, 32
OCS2L-, OCS2L+
Over Current Sense resistor, Channel 2 low-side
33, 34
OCS2H-, OCS2H+
Over Current Sense resistor, Channel 2 high-side
35
HMUTE
Logic output. When high, indicates that the output stages of both
amplifiers are shut off and muted.
36, 37, 38
NC
Not Connected - Must Be Left Floating
38 Pin Quad Package Pin-out
(Top View)
Figure 1
9
10
11
12
13
1415
16
1718
19
1
2
3
4
5
6
7
8
AGND
OVERLOADB
V5
IN2
IN1
BBM0
BBM1
MUTE
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
LO2
HO2COM
HO2
V
SNEG
V
SPOS
HO1
H01COM
LO1


유사한 부품 번호 - TA0103A

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TA010-020-15-15 TRANSCOM-TA010-020-15-15 Datasheet
17Kb / 1P
   1.0 - 2.0 GHz 15 dBm Amplifier
TA010-180-30-15 TRANSCOM-TA010-180-30-15 Datasheet
31Kb / 1P
   1 - 18 GHz 16 dBm Amplifier
logo
Tripath Technology Inc.
TA0102A TRIPATH-TA0102A Datasheet
235Kb / 12P
   STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA0104A TRIPATH-TA0104A Datasheet
482Kb / 18P
   STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
More results

유사한 설명 - TA0103A

제조업체부품명데이터시트상세설명
logo
Tripath Technology Inc.
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA0104A TRIPATH-TA0104A Datasheet
482Kb / 18P
   STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA0102A TRIPATH-TA0102A Datasheet
235Kb / 12P
   STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA2041A TRIPATH-TA2041A Datasheet
330Kb / 19P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com