전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA2024C 데이터시트(PDF) 1 Page - Tripath Technology Inc.

부품명 TA2024C
상세설명  STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPATH [Tripath Technology Inc.]
홈페이지  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA2024C 데이터시트(HTML) 1 Page - Tripath Technology Inc.

  TA2024C Datasheet HTML 1Page - Tripath Technology Inc. TA2024C Datasheet HTML 2Page - Tripath Technology Inc. TA2024C Datasheet HTML 3Page - Tripath Technology Inc. TA2024C Datasheet HTML 4Page - Tripath Technology Inc. TA2024C Datasheet HTML 5Page - Tripath Technology Inc. TA2024C Datasheet HTML 6Page - Tripath Technology Inc. TA2024C Datasheet HTML 7Page - Tripath Technology Inc. TA2024C Datasheet HTML 8Page - Tripath Technology Inc. TA2024C Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
1
TA2024C –KL/1.0/01.06
TA2024C
STEREO 15W (4
Ω) CLASS-T™ DIGITAL AUDIO AMPLIFIER USING
DIGITAL POWER PROCESSING™ TECHNOLOGY
Preliminar y Infor m ati o n
Re v i sio n 1.0 – Ja n u ar y 2006
GEN E RA L DESCR I PTION
The TA2024C is a 15W/ch continuous average two-channel Class-T Digital Audio Power Amplifier IC
using Tripath’s proprietary Digital Power Processing™ technology. Class-T amplifiers offer both the
audio fidelity of Class-AB and the power efficiency of Class-D amplifiers.
The TA2024C has incorporated specific changes to improve the click and pop performance over
previous devices such as TA2024 and TA2024B. The TA2024C is recommended for all new designs
that previously used the TA2024 or TA2024B.
APPLICA T IONS
Computer/PC Multimedia
DVD Players
Cable Set-Top Products
Televisions
Video CD Players
Battery Powered Systems
BENEFITS
Fully integrated solution with FETs
Easier to design-in than Class-D
Reduced system cost with no heat sink
Dramatically improves efficiency versus Class-
AB
Signal fidelity equal to high quality linear
amplifiers
High dynamic range compatible with digital
media such as CD, DVD, and Internet audio
FEA T UR ES
Class-T architecture
Single Supply Operation
“Audiophile” Quality Sound
0.03% THD+N @ 9W, 4
0.10% IHF-IM @ 1W, 4
11W @ 4
Ω, 0.1% THD+N
6W @ 8
Ω, 0.1% THD+N
High Power
15W @ 4
Ω, 10% THD+N
10W @ 8
Ω, 10% THD+N
High Efficiency
81% @ 15W, 4
90% @ 10W, 8
Dynamic Range = 98 dB
Mute and Sleep inputs
Enhanced Turn-on & turn-off pop
suppression
Over-current protection
Over-temperature protection
Bridged outputs
36-pin Power SOP package
TYPICAL PERFORMANCE


유사한 부품 번호 - TA2024C

제조업체부품명데이터시트상세설명
logo
Tripath Technology Inc.
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
logo
Powerex Power Semicondu...
TA202412 POWEREX-TA202412 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
TA202414 POWEREX-TA202414 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
TA20241603DH POWEREX-TA20241603DH Datasheet
838Kb / 4P
   Phase Control SCR 1600 Amperes Average 2400 Volts
logo
Tripath Technology Inc.
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
More results

유사한 설명 - TA2024C

제조업체부품명데이터시트상세설명
logo
Tripath Technology Inc.
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TAA2008 TRIPATH-TAA2008 Datasheet
354Kb / 18P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA2009 TRIPATH-TAA2009 Datasheet
313Kb / 19P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
   STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com