전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1400 데이터시트(Datasheet) 8 Page - Tripath Technology Inc.

부품명 TDA1400
상세내용  MONO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
PDF  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TRIPATH [Tripath Technology Inc.]
홈페이지  http://www.etelos.com/
Logo 

 8 page
background image
T r ip a t h T e ch n o lo gy, In c . - P r e l i m in a r y In f o r m a t i o n
8
TDA140 0 – Rev . 0 . 65 /KLi /02 . 06
Application Circuit – Split Supply
TDA1400
8 GATEOFF
FAULT
C
S
0.1uF
AGND
V5
5V
5
30
6, 32
12,14,16,18,19,21,23,26,31,37,39,48
FET controller
V10
17 LO_NEG
C
O
0.22uF
L
O
11uH
C
Z
0.22uF
R
Z
10
Ω,2W
MUTE
11 FBK_NEG
OCSN_NEG
OCSP_NEG
9
10
V5
15 HO_NEG
V10
R
S
15K, 1%
1.07K
R
FBA
1K
*R
FBB
*R
FBC
220pF
C
FB
V5
FET controller
V10
20 LO_POS
C
O
0.22uF
L
O
11uH
C
Z
0.22uF
R
Z
10
Ω,2W
MUTE
27 FBK_POS
OCSN_POS
OCSP_POS
29
28
V5
22 HO_POS
V10
R
S
15K, 1%
1.07K
R
FBA
1K
*R
FBB
*R
FBC
220pF
C
FB
V5
Analog Ground
Power Ground
* The values of these components must be adjusted based
on supply voltage range. See Application Information.
0Ω
NC
R
L
4 - 8
VPP
V5
C
I
2.2uF
+
V5
40
VPPSENSE
35
OCD1
33
OCD2
Processing
&
Modulation
OAOUT_AMP
INV_AMP
45
46
V5
AGND
47
BIASCAP
C
A
0.1uF
3
2.5V
-
+
AGND
OAOUT_AUX
INV_AUX
1
2
-
+
V5
AGND
MUTE
10K
V5
34
REF
8.25K, 1%
4
DCMP
V5
C
S
0.1uF
43, 44
41, 42
V5
AGND
5V
*R
VPP2
*R
VPP1
36
SUB
R
FLT
Offset Trim
Circuit
R
OFA
5K
R
OFB
470K
R
OFB
470K
C
OF
0.1uF
R
F
20K
20K
R
I
C
S
0.1uF
PGND
V10
10V
13,24
25
7
BBMSET
R
BBMSET
40.2K, 1%
R
REF
** Refer to the RB-TDA1400 document for a detailed
description of these optional circuits.
VPP
1.0uF
1.0uF
4.7K
1.0K
150K
R
GS
D
BIAS
Q
P
Q
ISP
R
G
R
ISB
R
ISA
C
ISA
G_OFF
CKT
D_IS
CKT
C
G
Q
N
R
G
D
G
D
G
C
HBR
33uF
C
HBR
0.1uF
+
D
DS
D
DS
150K
R
GS
**
**
**
1.0uF
C
G
1.0uF
4.7K
1.0K
D
BIAS
Q
ISN
R
ISB
R
ISA
ISA
D_IS
CKT
**
S_SUP
CKT
S_SUP
CKT
C
S
220uF
C
S
0.1uF
+
VNN
C
S
220uF
C
S
0.1uF
C
L
O
VPP
1.0uF
1.0uF
4.7K
1.0K
150K
R
GS
D
BIAS
Q
P
Q
ISP
R
G
R
ISB
R
ISA
C
ISA
G_OFF
CKT
D_IS
CKT
C
G
Q
N
R
G
D
G
D
G
C
HBR
33uF
C
HBR
0.1uF
+
150K
R
GS
**
**
**
1.0uF
C
G
1.0uF
4.7K
1.0K
D
BIAS
Q
ISN
R
ISB
R
ISA
ISA
D_IS
CKT
**
S_SUP
CKT
S_SUP
CKT
C
S
220uF
C
S
0.1uF
+
VNN
C
S
220uF
C
S
0.1uF
C
VNN
V5
38
VNNSENSE
*R
VNN2
*R
VNN1




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA2075ASTEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TA3020Stereo 300W 4Ω Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology 1 2 3 4 5 MoreTripath Technology Inc.
TDA2125ASTEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY 1 Tripath Technology Inc.
TK2350STEREO 300W 4 OHM CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TA0102ASTEREO 150W 4Ω CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TDA2500STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TA0103AStereo 250W 4Ω Class-T Digital Audio Amplifier Driver using Digital Power Processing DPPTM Technology 1 2 3 4 5 MoreTripath Technology Inc.
TA2021BSTEREO 25W 4OHM CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TA0104ASTEREO 500W 4Ω CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TA0105ASTEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl