전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA2595 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 TDA2595
상세설명  Horizontal combination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2595 데이터시트(HTML) 4 Page - NXP Semiconductors

  TDA2595 Datasheet HTML 1Page - NXP Semiconductors TDA2595 Datasheet HTML 2Page - NXP Semiconductors TDA2595 Datasheet HTML 3Page - NXP Semiconductors TDA2595 Datasheet HTML 4Page - NXP Semiconductors TDA2595 Datasheet HTML 5Page - NXP Semiconductors TDA2595 Datasheet HTML 6Page - NXP Semiconductors TDA2595 Datasheet HTML 7Page - NXP Semiconductors TDA2595 Datasheet HTML 8Page - NXP Semiconductors TDA2595 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
March 1987
4
Philips Semiconductors
Product specification
Horizontal combination
TDA2595
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Supply voltage (pin 15)
V15-5 =VP
max.
13,2
V
Voltages at:
pins 1, 4 and 7
V1;4;7-5
max.
18
V
pins 8, 13 and 18
V8;13;18-5
max.
VP
V
pin 11 (range)
V11-5
−0,5 to + 6V
Currents at:
pin 1
I1
max.
10
mA
pin 2 (peak value)
± I2M
max.
10
mA
pin 4
I4
max.
100
mA
pin 6 (peak value)
± I
6M
max.
6
mA
pin 7
I7
max.
10
mA
pin 8 (range)
I8
−5to +1mA
pin 9 (range)
I9
−10 to + 3mA
pin 18
± I18
max.
10
mA
Total power dissipation
Ptot
max.
800
mW
Storage temperature range
Tstg
−25 to + 125 °C
Operating ambient temperature range
Tamb
0 to
+ 70
°C


유사한 부품 번호 - TDA2595

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
TDA2590 FAIRCHILD-TDA2590 Datasheet
344Kb / 7P
   TV HORIZONTAL OSCILLATOR COMBINATION
logo
STMicroelectronics
TDA2593 STMICROELECTRONICS-TDA2593 Datasheet
172Kb / 6P
   SYNCHRO AND HORIZONTAL DEFLECTION CONTROL FOR COLOR TV SET
logo
List of Unclassifed Man...
TDA2594 ETC-TDA2594 Datasheet
290Kb / 7P
   HORIZONTAL COMBINATION
More results

유사한 설명 - TDA2595

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TDA2594 ETC-TDA2594 Datasheet
290Kb / 7P
   HORIZONTAL COMBINATION
logo
Fairchild Semiconductor
TDA2590 FAIRCHILD-TDA2590 Datasheet
344Kb / 7P
   TV HORIZONTAL OSCILLATOR COMBINATION
logo
NTE Electronics
NTE7115 NTE-NTE7115 Datasheet
44Kb / 6P
   Integrated Circuit Color TV Horizontal Combination Circuit
logo
Motorola, Inc
MC13081X MOTOROLA-MC13081X Datasheet
222Kb / 20P
   Multimode Color Monitor Horizontal, Vertical, and Video Combination Processor
logo
NTE Electronics
NTE7001 NTE-NTE7001 Datasheet
40Kb / 5P
   Integrated Circuit Horizontal Combination Circuit for Color TV & Computer Monitors
logo
Unisonic Technologies
PC1031 UTC-PC1031_V01 Datasheet
95Kb / 4P
   TV HORIZONTAL DEFLECTION HORIZONTAL DEFLECTION
logo
List of Unclassifed Man...
ECG1086 ETC1-ECG1086 Datasheet
209Kb / 5P
   SYNCHRONOUS SEPARATOR, HORIZONTAL AFC, HORIZONTAL OSCILLATOR
logo
PIC GmbH
PLS-092A-3PPH PIC-PLS-092A-3PPH Datasheet
251Kb / 2P
   Horizontal-Levelsensor
logo
CUI INC
UJ2-AH-SMT CUI-UJ2-AH-SMT Datasheet
323Kb / 4P
   horizontal orientation
logo
KODENSHI_AUK CORP.
SG257 KODENSHI-SG257 Datasheet
282Kb / 2P
   Horizontal slit/
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com