전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JZX-140FF92ZSNIL 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 JZX-140FF92ZSNIL
상세설명  DOUBLE-POLE, 10A, PC BOARD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

JZX-140FF92ZSNIL 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  JZX-140FF92ZSNIL Datasheet HTML 1Page - List of Unclassifed Manufacturers JZX-140FF92ZSNIL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
!
 

  

%# 
%   /  %  "
'%0$1'
(22-2,2.2*2.)
)*2- %
.34
.54
4
4! 

6 +//7
:E+
4  &


!
      










!
  

.
8
(.( 

  
  
   






유사한 부품 번호 - JZX-140FF92ZSNIL

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
JZX-140FF ETC-JZX-140FF Datasheet
86Kb / 2P
   MINIATURE INTERMEDIATE POWER RELAY
JZX-140FF0122HS ETC-JZX-140FF0122HS Datasheet
86Kb / 2P
   MINIATURE INTERMEDIATE POWER RELAY
JZX-140FF0122ZS ETC-JZX-140FF0122ZS Datasheet
86Kb / 2P
   MINIATURE INTERMEDIATE POWER RELAY
More results

유사한 설명 - JZX-140FF92ZSNIL

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
L167-B ETC2-L167-B Datasheet
181Kb / 2P
   10A 250Vac Single Double Pole
logo
Tyco Electronics
OMIT-SS-112LM MACOM-OMIT-SS-112LM Datasheet
130Kb / 2P
   10A Miniature Power PC Board Relay
logo
List of Unclassifed Man...
JQX14-FF ETC1-JQX14-FF Datasheet
110Kb / 2P
   Single-Pole, 10A, PC Borad & QC terminal
JQX-14FW ETC1-JQX-14FW Datasheet
109Kb / 2P
   Single-Pole, 20A, PC Board
JQX-105F-5 ETC1-JQX-105F-5 Datasheet
112Kb / 2P
   30A 1 POLE PC BOARD TYPE
JQX115-F ETC1-JQX115-F Datasheet
88Kb / 2P
   16A 1 POLE PC BOARD TYPE
H8500VBBB-551W-B ETC2-H8500VBBB-551W-B Datasheet
190Kb / 2P
   8500 Rocker Switches - Miniature 10A 250Vac Single & Double Pole
logo
Tyco Electronics
2-1440001-7 MACOM-2-1440001-7 Datasheet
123Kb / 2P
   2 Pole Miniature Power PC Board Relay
2-1440001-1 MACOM-2-1440001-1 Datasheet
123Kb / 2P
   2 Pole Miniature Power PC Board Relay
OSA-SS-224DM3 MACOM-OSA-SS-224DM3 Datasheet
126Kb / 2P
   2 Pole Miniature Power PC Board Relay
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com