전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMM5125X 데이터시트(PDF) 6 Page - Eudyna Devices Inc

부품명 FMM5125X
상세설명  15/60GHz Frequency Multiplier MMIC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUDYNA [Eudyna Devices Inc]
홈페이지  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5125X 데이터시트(HTML) 6 Page - Eudyna Devices Inc

  FMM5125X Datasheet HTML 1Page - Eudyna Devices Inc FMM5125X Datasheet HTML 2Page - Eudyna Devices Inc FMM5125X Datasheet HTML 3Page - Eudyna Devices Inc FMM5125X Datasheet HTML 4Page - Eudyna Devices Inc FMM5125X Datasheet HTML 5Page - Eudyna Devices Inc FMM5125X Datasheet HTML 6Page - Eudyna Devices Inc FMM5125X Datasheet HTML 7Page - Eudyna Devices Inc FMM5125X Datasheet HTML 8Page - Eudyna Devices Inc FMM5125X Datasheet HTML 9Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Assembly Diagrams
RF In
RF Out
To DC Power Supply (VDD)
Z0 = 50
Z0 = 50
Single Layer Capacitor
≥100 pF
*1
*1
*2
*1; RF Wire Length = 150
µm
*2; DC Wire Length
≤ 1000 µm
RF In
RF Out
To DC Power Supply (VDD)
Z0 = 50
Z0 = 50
MIM Capacitor
≥100 pF
*1
*1
*2
*2
To DC Power Supply for Custom
Application
VGG(MLT)
VGG1 (AMP)
VGG2(AMP)
VGG3(AMP)
DC Power Supply for a Custom Application
15/60GHz Frequency Multiplier MMIC
FMM5125X
Recommendation assembly


유사한 부품 번호 - FMM5125X

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
FMM5107MLT4E1 EUDYNA-FMM5107MLT4E1 Datasheet
237Kb / 3P
   MMIC X/Ku-Band DBS Downconverter
FMM5116X EUDYNA-FMM5116X Datasheet
831Kb / 4P
   20-32GHz Upconverter MMIC
FMM5117X EUDYNA-FMM5117X Datasheet
639Kb / 4P
   20-32GHz Downconverter MMIC
FMM5118X EUDYNA-FMM5118X Datasheet
677Kb / 6P
   20-32GHz Doubler MMIC
More results

유사한 설명 - FMM5125X

제조업체부품명데이터시트상세설명
logo
United Monolithic Semic...
CHX2190A UMS-CHX2190A Datasheet
63Kb / 4P
   30-60GHz Frequency Multiplier
CHX2190A UMS-CHX2190A_06 Datasheet
109Kb / 4P
   30-60GHz Frequency Multiplier
CHX2192 UMS-CHX2192 Datasheet
82Kb / 5P
   30-60GHz Frequency Multiplier
CHX2192 UMS-CHX2192_15 Datasheet
103Kb / 6P
   30-60GHz Frequency Multiplier
CHX3068-QDG UMS-CHX3068-QDG Datasheet
349Kb / 8P
   15-30GHz Frequency Multiplier
CHX3068-QDG UMS-CHX3068-QDG_15 Datasheet
431Kb / 8P
   15-30GHz Frequency Multiplier
logo
Mini-Circuits
CY2-143-D MINI-CY2-143-D Datasheet
259Kb / 4P
   X2 MMIC Frequency Multiplier Die
logo
Marki Microwave
MEQ6-60A MARKIMICROWAVE-MEQ6-60A Datasheet
315Kb / 5P
   Passive MMIC 60GHz Equalizer
MEQ3-60A MARKIMICROWAVE-MEQ3-60A Datasheet
315Kb / 5P
   Passive MMIC 60GHz Equalizer
MEQ10-60A MARKIMICROWAVE-MEQ10-60A Datasheet
316Kb / 5P
   Passive MMIC 60GHz Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com