전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMM5309ZU 데이터시트(PDF) 4 Page - Eudyna Devices Inc

부품명 FMM5309ZU
상세설명  Single Pole Three Throw GaAs PHEMT High Power Switch 0.5 - 2.5 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUDYNA [Eudyna Devices Inc]
홈페이지  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5309ZU 데이터시트(HTML) 4 Page - Eudyna Devices Inc

  FMM5309ZU Datasheet HTML 1Page - Eudyna Devices Inc FMM5309ZU Datasheet HTML 2Page - Eudyna Devices Inc FMM5309ZU Datasheet HTML 3Page - Eudyna Devices Inc FMM5309ZU Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FMM5309ZU
Single Pole Three Throw
GaAs PHEMT High Power Switch 0.5 - 2.5 GHz
Rev 1.1
May 26, 2005
4
Eudyna Devices Inc. Confidential
Package Dimension
Measurement (mm)
Dimension
Symbol
Min
Nom
Max
A
-
0.85
0.90
A1
0.00
0.01
0.05
A2
-
0.65
0.70
A3
0.20 REF
b
0.18
0.23
0.30
D
3.00 BSC
D1
2.75 BSC
D2
1.15
1.30
1.45
E
3.00 BSC
E1
2.75 BSC
E2
1.15
1.30
1.45
e
0.50 BSC
L
0.50
0.60
0.75
NOTE
This document contains preliminary information, and it is subject to change without notice.


유사한 부품 번호 - FMM5309ZU

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
FMM5320ZW EUDYNA-FMM5320ZW Datasheet
37Kb / 4P
   Single-Pole Double-Throw Switch GaAs PHEMT High Power Switch DC - 2.0 GHz
FMM5321ZV EUDYNA-FMM5321ZV Datasheet
176Kb / 5P
   Quad-band Antenna Switch Module
More results

유사한 설명 - FMM5309ZU

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
ESMM5320ZW EUDYNA-ESMM5320ZW Datasheet
37Kb / 4P
   Single-Pole Double-Throw Switch GaAs PHEMT High Power Switch DC - 2.0 GHz
HS69SPDT312 EUDYNA-HS69SPDT312 Datasheet
137Kb / 4P
   Single Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz
ESM5322ZU EUDYNA-ESM5322ZU Datasheet
55Kb / 3P
   Double Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz
logo
Skyworks Solutions Inc.
AS192-000 SKYWORKS-AS192-000 Datasheet
181Kb / 4P
   PHEMT GaAs IC High-Power SP4T Switch 0.1-2.5 GHz
logo
Alpha Industries
AS192-300 ALPHA-AS192-300 Datasheet
28Kb / 2P
   PHEMT GaAs IC High Power SP4T Switch 0.1-2.5 GHz
logo
Skyworks Solutions Inc.
AS221-306 SKYWORKS-AS221-306 Datasheet
65Kb / 2P
   PHEMT GaAs IC High Power SP4T Switch 0.1 - 2.5 GHz
AS221-306 SKYWORKS-AS221-306_06 Datasheet
246Kb / 4P
   PHEMT GaAs IC High-Power SP4T Switch 0.1-2.5 GHz
logo
Alpha Industries
AS166-300 ALPHA-AS166-300 Datasheet
51Kb / 2P
   PHEMT GaAs IC High Power SP4T Switch 0.1-2.5 GHz
logo
Skyworks Solutions Inc.
AS192-306 SKYWORKS-AS192-306 Datasheet
43Kb / 2P
   PHEMT GaAs IC High Power SP4T Switch 0.1-2.5 GHz
logo
Mimix Broadband
CSW0118-BD MIMIX-CSW0118-BD_07 Datasheet
294Kb / 4P
   0.5-18 GHz GaAs pHEMT MMIC SPDT Switch
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com