전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMM5804VY 데이터시트(PDF) 8 Page - Eudyna Devices Inc

부품명 FMM5804VY
상세설명  K / Ka Band Power Amplifier MMIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUDYNA [Eudyna Devices Inc]
홈페이지  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5804VY 데이터시트(HTML) 8 Page - Eudyna Devices Inc

Back Button FMM5804VY Datasheet HTML 4Page - Eudyna Devices Inc FMM5804VY Datasheet HTML 5Page - Eudyna Devices Inc FMM5804VY Datasheet HTML 6Page - Eudyna Devices Inc FMM5804VY Datasheet HTML 7Page - Eudyna Devices Inc FMM5804VY Datasheet HTML 8Page - Eudyna Devices Inc FMM5804VY Datasheet HTML 9Page - Eudyna Devices Inc FMM5804VY Datasheet HTML 10Page - Eudyna Devices Inc FMM5804VY Datasheet HTML 11Page - Eudyna Devices Inc FMM5804VY Datasheet HTML 12Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
S-Parameter
FREQ.
[MHz]
mag.
ang.
mag.
ang.
mag.
ang.
mag.
ang.
1000
0.537
118.2
0.215
-103.7
0.000
124.1
0.852
-82.6
2000
0.517
52.8
0.053
-24.9
0.001
39.8
0.931
-166.8
3000
0.514
-15.5
0.059
-74.0
0.001
-33.8
0.936
122.3
4000
0.519
-79.2
0.031
-141.7
0.001
-89.6
0.948
51.3
5000
0.516
-139.1
0.035
-140.6
0.001
-128.4
0.928
-15.6
6000
0.480
159.2
0.228
120.1
0.000
-89.3
0.908
-74.3
7000
0.447
91.8
0.497
9.0
0.001
-173.3
0.902
-132.6
8000
0.442
24.2
1.008
-97.9
0.001
-59.4
0.889
167.1
9000
0.453
-36.6
1.201
140.3
0.005
-151.5
0.864
105.4
10000
0.440
-88.2
0.911
37.1
0.008
116.6
0.809
45.0
11000
0.409
-137.8
0.674
-29.0
0.009
36.4
0.784
-12.8
12000
0.328
170.9
1.009
-78.5
0.008
-33.8
0.776
-63.3
13000
0.202
122.9
2.305
-154.7
0.007
-96.7
0.751
-108.0
14000
0.057
74.0
5.218
98.4
0.004
-146.3
0.595
-155.0
15000
0.117
177.0
8.461
-24.9
0.005
168.2
0.353
152.2
16000
0.199
115.8
7.875
-141.7
0.004
83.1
0.272
101.7
17000
0.313
42.5
7.090
110.9
0.001
-169.5
0.219
58.8
18000
0.421
-25.6
7.333
16.1
0.005
96.9
0.127
30.9
19000
0.477
-68.0
7.482
-84.0
0.004
9.1
0.228
89.9
20000
0.491
-108.0
7.271
177.6
0.002
-50.9
0.465
58.2
21000
0.385
-155.1
7.559
81.3
0.001
-134.4
0.546
16.9
22000
0.218
133.2
8.059
-20.7
0.000
-56.9
0.539
-38.1
23000
0.181
47.6
7.734
-126.4
0.001
-48.1
0.542
-102.4
24000
0.173
16.0
7.170
134.8
0.001
-80.4
0.567
-159.2
25000
0.216
21.8
6.930
33.7
0.001
-149.2
0.517
152.1
26000
0.334
9.9
6.850
-68.9
0.001
169.3
0.366
106.9
27000
0.335
-18.9
7.295
-173.7
0.000
125.4
0.172
59.9
28000
0.203
-59.3
8.268
68.9
0.003
140.6
0.055
-99.6
29000
0.094
104.7
7.245
-60.3
0.005
70.0
0.166
154.8
30000
0.186
39.0
5.832
177.4
0.007
12.6
0.184
84.0
31000
0.086
-123.7
5.702
44.6
0.010
-59.1
0.277
29.2
32000
0.318
125.2
5.033
-144.1
0.013
-141.4
0.387
-28.0
33000
0.495
107.7
0.641
24.5
0.014
137.2
0.644
-81.8
34000
0.585
60.2
0.052
-76.6
0.015
55.3
0.696
-144.0
35000
0.593
-5.1
0.017
-40.3
0.014
-29.1
0.713
156.3
36000
0.612
-86.0
0.017
-116.1
0.013
-118.3
0.744
99.0
37000
0.720
-143.9
0.008
-169.2
0.009
-175.2
0.764
47.4
38000
0.765
170.6
0.012
113.6
0.009
118.0
0.754
-6.1
39000
0.723
124.4
0.013
42.5
0.012
50.1
0.723
-63.9
40000
0.699
73.8
0.007
-95.0
0.020
-57.4
0.628
-130.0
VDD=6V, IDD=250mA
S11
S22
S12
S22
K / Ka Band Power Amplifier MMIC
FMM5804VY


유사한 부품 번호 - FMM5804VY

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
FMM5804X EUDYNA-FMM5804X Datasheet
278Kb / 4P
   17.5-31.5GHz Power Amplifier MMIC
FMM5804YD EUDYNA-FMM5804YD Datasheet
240Kb / 13P
   K,Ka-Band Power Amplifier MMIC
More results

유사한 설명 - FMM5804VY

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
ESM5804YD EUDYNA-ESM5804YD Datasheet
240Kb / 13P
   K,Ka-Band Power Amplifier MMIC
logo
List of Unclassifed Man...
FMM5709VZ ETC1-FMM5709VZ Datasheet
207Kb / 12P
   K/ Ka Band Low Noise Amplifier MMIC
FMM5709X ETC1-FMM5709X Datasheet
106Kb / 9P
   K/Ka Band Low Noise Amplifier MMIC
logo
Eudyna Devices Inc
FMM5703VZ EUDYNA-FMM5703VZ Datasheet
208Kb / 12P
   K / Ka Band Low Noise Amplifier MMIC
FMM5822X EUDYNA-FMM5822X Datasheet
299Kb / 14P
   K-Band Power Amplifier MMIC
FMM5829X EUDYNA-FMM5829X Datasheet
259Kb / 14P
   K-Band Power Amplifier MMIC
ESM5832VU EUDYNA-ESM5832VU Datasheet
195Kb / 13P
   K-Band Power Amplifier MMIC
FMM5823X EUDYNA-FMM5823X Datasheet
423Kb / 15P
   K-Band Power Amplifier MMIC
FMM5826X EUDYNA-FMM5826X Datasheet
413Kb / 13P
   Ka-Band Power Amplifier MMIC
FMM5820QH EUDYNA-FMM5820QH Datasheet
376Kb / 14P
   Ka-Band Power Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com