전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF2805 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF2805
상세설명  AUTOMOTIVE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF2805 데이터시트(HTML) 1 Page - International Rectifier

  IRF2805 Datasheet HTML 1Page - International Rectifier IRF2805 Datasheet HTML 2Page - International Rectifier IRF2805 Datasheet HTML 3Page - International Rectifier IRF2805 Datasheet HTML 4Page - International Rectifier IRF2805 Datasheet HTML 5Page - International Rectifier IRF2805 Datasheet HTML 6Page - International Rectifier IRF2805 Datasheet HTML 7Page - International Rectifier IRF2805 Datasheet HTML 8Page - International Rectifier IRF2805 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRF2805
HEXFET® Power MOSFET
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.45
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
VDSS = 55V
RDS(on) = 4.7mΩ
ID = 75A
8/8/02
www.irf.com
1
AUTOMOTIVE MOSFET
PD - 94428
TO-220AB
HEXFET(R) is a registered trademark of International Rectifier.
S
D
G
Description
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
Features
Typical Applications
l
Climate Control, ABS, Electronic Braking,
Windshield Wipers
Specifically designed for Automotive applications, this HEXFET® Power
MOSFET utilizes the latest processing techniques to achieve extremely
low on-resistance per silicon area. Additional features of this design are
a 175°C junction operating temperature, fast switching speed and im-
proved repetitive avalanche rating . These features combine to make this
design an extremely efficient and reliable device for use in Automotive
applications and a wide variety of other applications.
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon limited)
175
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (See Fig.9)
120
A
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package limited)
75
IDM
Pulsed Drain Current

700
PD @TC = 25°C
Power Dissipation
330
W
Linear Derating Factor
2.2
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
450
mJ
EAS (6 sigma)
Single Pulse Avalanche Energy Tested Value
‡
1220
IAR
Avalanche Current

See Fig.12a, 12b, 15, 16
A
EAR
Repetitive Avalanche Energy
†
mJ
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting Torque, 6-32 or M3 screw
1.1 (10)
N•m (lbf•in)
Absolute Maximum Ratings


유사한 부품 번호 - IRF2805

제조업체부품명데이터시트상세설명
logo
Kersemi Electronic Co.,...
IRF2805 KERSEMI-IRF2805 Datasheet
849Kb / 9P
   Climate Control, ABS, Electronic Braking,Windshield Wipers
logo
Inchange Semiconductor ...
IRF2805 ISC-IRF2805 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF2805L IRF-IRF2805L Datasheet
224Kb / 11P
   AUTOMOTIVE MOSFET
IRF2805LPBF IRF-IRF2805LPBF Datasheet
306Kb / 11P
   HEXFET Power MOSFET
IRF2805LPBF IRF-IRF2805LPBF Datasheet
337Kb / 11P
   Industrial Motor Drive
More results

유사한 설명 - IRF2805

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF2804S-7P IRF-IRF2804S-7P Datasheet
263Kb / 10P
   AUTOMOTIVE MOSFET
IIRLR3105 IRF-IIRLR3105 Datasheet
169Kb / 8P
   AUTOMOTIVE MOSFET
IRF540ZL IRF-IRF540ZL Datasheet
310Kb / 12P
   AUTOMOTIVE MOSFET
IRF3205Z IRF-IRF3205Z Datasheet
303Kb / 12P
   AUTOMOTIVE MOSFET
IRLR2908 IRF-IRLR2908 Datasheet
206Kb / 11P
   AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
   AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRF1405Z IRF-IRF1405Z Datasheet
291Kb / 12P
   AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
   AUTOMOTIVE MOSFET
IRLU2905Z IRF-IRLU2905Z Datasheet
217Kb / 11P
   AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com