전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STE0515 데이터시트(PDF) 1 Page - Stanson Technology

부품명 STE0515
상세설명  Five-Line ESD Protection Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STANSON [Stanson Technology]
홈페이지  http://www.stansontech.com
Logo STANSON - Stanson Technology

STE0515 데이터시트(HTML) 1 Page - Stanson Technology

  STE0515 Datasheet HTML 1Page - Stanson Technology STE0515 Datasheet HTML 2Page - Stanson Technology STE0515 Datasheet HTML 3Page - Stanson Technology STE0515 Datasheet HTML 4Page - Stanson Technology STE0515 Datasheet HTML 5Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Five-Line ESD Protection Array
STE0515
Working voltage 5V
DESCRIPTION
The STE0515 are designed by TVS device that is to protect sensitive electronics from
damage or latch-up due to ESD. They are designed for use in applications where board space
ia at a premium.
STE0515 will protect up to five lines, and may be used on lines where the signal polarities
swing above and below ground.
STE0515 offer desirable characteristics for board level protection including fast response
time, low operating and clamping voltage without device degradation.
STE0515 may be used to meet the immunity requirements of IEC 61000-4-2, level 4. The
small SOT-563 package makes them ideal for use in portable electronics such as cell phone,
PDA’s, notebook computers, digital cameras and MP3.
PIN CONFIGURATION
SOT-563 (SC-89)
PART MARKING
Page 1
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295
FEATURE
l Transient protection for data lines to
IEC 61000-4-2 (ESD) +/- 15kV (air),
+/-8KV (contect)
IEC 61000-4-4 (EFT) 40A (5/50ns)
l Protects five I/O lines
l Working voltage : 5V
l Low leakage current
l Low operating and clamping voltages


유사한 부품 번호 - STE0515

제조업체부품명데이터시트상세설명
logo
Stanson Technology
STE0511 STANSON-STE0511 Datasheet
65Kb / 4P
   Single-line ESD Protection Array
STE0511D52RG STANSON-STE0511D52RG Datasheet
65Kb / 4P
   Single-line ESD Protection Array
STE0512 STANSON-STE0512 Datasheet
83Kb / 5P
   Dual-Line ESD Protection Array
STE0512D52RG STANSON-STE0512D52RG Datasheet
83Kb / 5P
   Dual-Line ESD Protection Array
STE0514 STANSON-STE0514 Datasheet
87Kb / 6P
   Four-Line ESD Protection Array
More results

유사한 설명 - STE0515

제조업체부품명데이터시트상세설명
logo
Union Semiconductor, In...
UESD54B UNIONSEMI-UESD54B Datasheet
263Kb / 11P
   Quad/Five/Six Line ESD Protection Diode Array
UESD54B UNIONSEMI-UESD54B_15 Datasheet
380Kb / 10P
   Quad/Five/Six Line ESD Protection Diode Array
logo
Vishay Siliconix
VESD05A5-06G VISHAY-VESD05A5-06G Datasheet
140Kb / 8P
   Five-Line ESD Protection Diode Array in SOT-363
Rev. 1.0, 14-Feb-2019
logo
Diodes Incorporated
DMF05LCFLP DIODES-DMF05LCFLP Datasheet
82Kb / 4P
   FIVE ELEMENT COMMON ANODE ESD-PROTECTION DIODE ARRAY
logo
Pan Jit International I...
PJSDA05C-5 PANJIT-PJSDA05C-5 Datasheet
71Kb / 2P
   FIVE BI-DIRECTIONAL TVS ARRAY FOR ESD PROTECTION
logo
SYNC POWER Crop.
SPE0525_0911 SYNC-POWER-SPE0525_0911 Datasheet
197Kb / 7P
   5-Line ESD Protection Array
SPE0534 SYNC-POWER-SPE0534_09 Datasheet
197Kb / 7P
   4-Line ESD Protection Array
SPE0599 SYNC-POWER-SPE0599 Datasheet
202Kb / 6P
   Single -Line ESD Protection Array
SPE0531 SYNC-POWER-SPE0531_11 Datasheet
188Kb / 6P
   Single-Line ESD Protection Array
SPE0562_0911 SYNC-POWER-SPE0562_0911 Datasheet
207Kb / 6P
   Single-Line ESD Protection Array
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com