전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6030A4 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6030A4
상세설명  3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA6030A4 데이터시트(HTML) 1 Page - Texas Instruments

  TPA6030A4 Datasheet HTML 1Page - Texas Instruments TPA6030A4 Datasheet HTML 2Page - Texas Instruments TPA6030A4 Datasheet HTML 3Page - Texas Instruments TPA6030A4 Datasheet HTML 4Page - Texas Instruments TPA6030A4 Datasheet HTML 5Page - Texas Instruments TPA6030A4 Datasheet HTML 6Page - Texas Instruments TPA6030A4 Datasheet HTML 7Page - Texas Instruments TPA6030A4 Datasheet HTML 8Page - Texas Instruments TPA6030A4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TPA6030A4
SLOS395A – DECEMBER 2002 – REVISED JANUARY 2003
3W STEREO AUDIO POWER AMPLIFIER
WITH ADVANCED DC VOLUME CONTROL
FEATURES
D 3 W Into 16 Ω From 12-V Supply
D Volume Control for Speakers (BTL) and
Headphones (SE)
D Differential Inputs
D Depop Circuitry
D 1 µA Shutdown Current
D Surface-Mount Package
APPLICATIONS
D LCD Monitors and LCD TVs
D Multimedia Speakers
D Notebook Computers
DESCRIPTION
The TPA6030A4 is designed to drive 3 W into 16-
speakers using a surface-mount package without the need
for an external heatsink. These features make it ideal for
15
I–17I LCD monitors, small multimedia speakers, and
notebook computers.
To simplify system design, the speaker volume level is
adjusted by applying a dc voltage to the VOLUME
terminal. The delta between speaker volume and
headphone volume can be adjusted by applying a dc
voltage to the SEDIFF terminal. To avoid an unexpected
high volume level through the headphones, a third
terminal, SEMAX, limits the headphone volume level
when a dc voltage is applied. Integrated depop circuitry
and the fully differential design minimize pops, clicks, and
unwanted noise to provide a high level of audio
performance.
The device is available in a 28-pin TSSOP PowerPAD
package. The PowerPAD
 package is designed to
transfer heat into the ground plane, eliminating the need
for external heat sinks—minimizing solution cost and size.
From TV
From TV
From TV
From TV
VCC = 12V
System
Control
47 nF
From DAC or
Potentiometers
(DC Voltage)
Shutdown
PVcc
PVcc
R
Mux
R
Mux
L
Mux
L
Mux
Input Mux
Control
32–Step
Volume
Control
VCC/2
+
+
VCC/2
Power
Management
Vcc
Output Mode
System
Control
Gnd
5VREF
Rout +
Rout –
Lout +
Lout –
To Potentiometers
or DAC reference
Bypass
RIN1+
CLK
SEMAX
SEDIFF
VOLUME
SE/BTL
IN2/IN1
From CD
Player
From CD
Player
From CD
Player
From CD
Player
0.47
µF
220
µF
220
µF
16
16
1 k
1 k
Control
Depop
Circuitry
RIN2+
RIN1–
RIN2–
RIN1+
RIN2+
0.47
µF
RIN1–
RIN2–
1
µF
10
µF
100 k
FUNCTIONAL DIAGRAM
100 k
0.47
µF
0.47
µF
0.47
µF
0.47
µF
0.47
µF
0.47
µF
0.47
µF
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2003, Texas Instruments Incorporated
PowerPAD is a trademark of Texas Instruments.


유사한 부품 번호 - TPA6030A4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6030A4PWP TI-TPA6030A4PWP Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6030A4PWPG4 TI-TPA6030A4PWPG4 Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6030A4PWPR TI-TPA6030A4PWPR Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6030A4PWPRG4 TI-TPA6030A4PWPRG4 Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6030A4 TI-TPA6030A4_07 Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

유사한 설명 - TPA6030A4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6030A4 TI-TPA6030A4_07 Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6021A4 TI-TPA6021A4 Datasheet
1Mb / 26P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com