전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SF-0402F080-2 데이터시트(PDF) 4 Page - Bourns Electronic Solutions

부품명 SF-0402F080-2
상세설명  SF-0402F Series - Fast Acting Surface Mount Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0402F080-2 데이터시트(HTML) 4 Page - Bourns Electronic Solutions

  SF-0402F080-2 Datasheet HTML 1Page - Bourns Electronic Solutions SF-0402F080-2 Datasheet HTML 2Page - Bourns Electronic Solutions SF-0402F080-2 Datasheet HTML 3Page - Bourns Electronic Solutions SF-0402F080-2 Datasheet HTML 4Page - Bourns Electronic Solutions SF-0402F080-2 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SF-0402F Series - Fast Acting Surface Mount Fuses
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
REV. 04/21
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com
Reliability Testing
No.
Test
Requirement
Test Condition
1
Carrying Capacity
No fusing
Rated current, 4 hours
2
Fusing Time
Within 1 minute
200 % of its rated current
3
Interrupting Ability
No mechanical damages
After the fuse is interrupted, rated voltage applied
for 30 seconds again
4
Bending Test
No mechanical damages
Distance between holding points: 90 mm,
Bending: 3 mm,1time, 30 seconds
5
Resistance to Solder Heat
±20 %
260 °C ±5 °C,10 seconds ±1 second
6
Solderability
95 % coverage minimum
235 °C ±5 °C, 2 ±0.5 second
245 °C ±5 °C, 2 ±0.5 second (lead free)
7
Temperature Rise
<75 °
100 % of its rated current, measure of surface
temperature
8
Resistance to Dry Heat
±20 %
105 °C ±5 °C,1000 hours
9
Resistance to Solvent
No evident damage on protective coating
and marking
23 °C ±5 °C of isopropyl alcohol, 90 seconds
10
Residual Resistance
10k ohms or more
Measure DC resistance after fusing
11
Thermal Shock
ΔR < 10 %
-20 °C / +25 °C /+125 °C /+25 °C, 10 cycles


유사한 부품 번호 - SF-0402F080-2

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
SF-0402F080 BOURNS-SF-0402F080 Datasheet
374Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0402F080 BOURNS-SF-0402F080 Datasheet
425Kb / 4P
   SF-0402F Series - Fast Acting Surface Mount Fuses
SF-0402F080 BOURNS-SF-0402F080 Datasheet
425Kb / 4P
   SF-0402F Series - Fast Acting Surface Mount Fuses
More results

유사한 설명 - SF-0402F080-2

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
SF-0402F050-2 BOURNS-SF-0402F050-2 Datasheet
425Kb / 4P
   SF-0402F Series - Fast Acting Surface Mount Fuses
SF-0402F200-2 BOURNS-SF-0402F200-2 Datasheet
425Kb / 4P
   SF-0402F Series - Fast Acting Surface Mount Fuses
SF-1206F300-2 BOURNS-SF-1206F300-2 Datasheet
375Kb / 4P
   SF-1206F Series - Fast Acting Surface Mount Fuses
SF-0603F080-2 BOURNS-SF-0603F080-2 Datasheet
382Kb / 5P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-1206F100-2 BOURNS-SF-1206F100-2 Datasheet
375Kb / 4P
   SF-1206F Series - Fast Acting Surface Mount Fuses
SF-0603F BOURNS-SF-0603F Datasheet
366Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0603F300-2 BOURNS-SF-0603F300-2 Datasheet
381Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0402FP-F BOURNS-SF-0402FP-F Datasheet
280Kb / 5P
   SF-0402FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. F 03/21
SF-0603FP-F BOURNS-SF-0603FP-F Datasheet
257Kb / 6P
   SF-0603FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. D 03/21
SF-0603FP-M BOURNS-SF-0603FP-M Datasheet
254Kb / 6P
   SF-0603FP-M Series - Fast Acting Precision Surface Mount Fuses
REV. D 03/21
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com