전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA-5063 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 STA-5063
상세설명  3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

STA-5063 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  STA-5063 Datasheet HTML 1Page - List of Unclassifed Manufacturers STA-5063 Datasheet HTML 2Page - List of Unclassifed Manufacturers STA-5063 Datasheet HTML 3Page - List of Unclassifed Manufacturers STA-5063 Datasheet HTML 4Page - List of Unclassifed Manufacturers STA-5063 Datasheet HTML 5Page - List of Unclassifed Manufacturers STA-5063 Datasheet HTML 6Page - List of Unclassifed Manufacturers STA-5063 Datasheet HTML 7Page - List of Unclassifed Manufacturers STA-5063 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
303 S. Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
5
EDS-102990 Rev D
STA-5063 3.3-6.2GHz 15dBm Amplifier
5.1 - 5.9 GHz Evaluation Board Schematic for 3.3V
1
RF IN
RF OUT
ON
C4
C6
R2
Q1
ECB 103073
C1
R1
C5
SMDI
REV A
C2
L1
C3
C7
V+
5.1 - 5.9 GHz Evaluation Board - Board material GETEK, 21mil thick, Dk=4.2, 2 oz. copper
5.6nH INDUCTOR, 0603
3.9pF CAP, 0603
1000pF CAP, 0603
4.7K OHM, 0603
1uF 16V TANTALUM CAP
L1
C2
C3
C1
R1
Q1
STA-5063
DESG
DESCRIPTION
C4
C5
C6
C7
1.5pF CAP, 0603
1000pF CAP, 0603
100pF CAP, 0402
100pF CAP, 0402


유사한 부품 번호 - STA-5063

제조업체부품명데이터시트상세설명
logo
SIRENZA MICRODEVICES
STA-5063 SIRENZA-STA-5063 Datasheet
206Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
RF Micro Devices
STA-5063-Z RFMD-STA-5063-Z Datasheet
585Kb / 10P
   GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
logo
SIRENZA MICRODEVICES
STA-5063Z SIRENZA-STA-5063Z Datasheet
147Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
RF Micro Devices
STA-5063Z RFMD-STA-5063Z Datasheet
585Kb / 10P
   3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
More results

유사한 설명 - STA-5063

제조업체부품명데이터시트상세설명
logo
SIRENZA MICRODEVICES
STA-5063 SIRENZA-STA-5063 Datasheet
206Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
STA-5063Z SIRENZA-STA-5063Z Datasheet
147Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
RF Micro Devices
STA-5063-Z RFMD-STA-5063-Z Datasheet
585Kb / 10P
   GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
STA-5063Z RFMD-STA-5063Z Datasheet
585Kb / 10P
   3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
logo
Transcom, Inc.
TA060-120-22-15 TRANSCOM-TA060-120-22-15 Datasheet
101Kb / 2P
   6.0 ??12.0 GHz 15dBm Amplifier
TA050-062-45-27 TRANSCOM-TA050-062-45-27 Datasheet
17Kb / 1P
   5 - 6.2 GHz 27.5 dBm Amplifier
TA060-180-10-15 TRANSCOM-TA060-180-10-15 Datasheet
44Kb / 2P
   6 ~ 18 GHz 15dBm Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5618 AVAGO-AMMP-5618 Datasheet
234Kb / 9P
   6-20 GHz General Purpose Amplifier
logo
Agilent(Hewlett-Packard...
AMMP-5618 HP-AMMP-5618 Datasheet
241Kb / 9P
   6-20 GHz General Purpose Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5618 AVAGO-AMMP-5618_13 Datasheet
397Kb / 7P
   6??0 GHz General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com