μ „μžλΆ€ν’ˆ λ°μ΄ν„°μ‹œνŠΈ 검색엔진
  Korean  β–Ό

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

EN29LV320 λ°μ΄ν„°μ‹œνŠΈ(HTML) 5 Page - Eon Silicon Solution Inc.

λΆ€ν’ˆλͺ… EN29LV320
μƒμ„Έλ‚΄μš©  32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  49 Pages
Scroll/Zoom Zoom In 100% Zoom Out
μ œμ‘°μ‚¬  EON [Eon Silicon Solution Inc.]
ν™ˆνŽ˜μ΄μ§€  http://www.essi.com.tw
Logo 

EN29LV320 λ°μ΄ν„°μ‹œνŠΈ(HTML) 5 Page - Eon Silicon Solution Inc.

 
Zoom Inzoom in Zoom Outzoom out
/ 49 page
 5 / 49 page
background image
This Data Sheet may be revised by subsequent versions
Β©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
5
EN29LV320
Rev. E, Issue Date: 2006/05/16
U
Table 2A. Top Boot Sector Address Tables (EN29LV320T)
Sector
A20 – A12
Sector Size
(Kbytes / Kwords)
Address Range (h)
Byte mode (x8)
Address Range (h)
Word Mode (x16)
SA0
000000xxx
64/32
000000–00FFFF
000000–007FFF
SA1
000001xxx
64/32
010000–01FFFF
008000–00FFFF
SA2
000010xxx
64/32
020000–02FFFF
010000–017FFF
SA3
000011xxx
64/32
030000–03FFFF
018000–01FFFF
SA4
000100xxx
64/32
040000–04FFFF
020000–027FFF
SA5
000101xxx
64/32
050000–05FFFF
028000–02FFFF
SA6
000110xxx
64/32
060000–06FFFF
030000–037FFF
SA7
000111xxx
64/32
070000–07FFFF
038000–03FFFF
SA8
001000xxx
64/32
080000–08FFFF
040000–047FFF
SA9
001001xxx
64/32
090000–09FFFF
048000–04FFFF
SA10
001010xxx
64/32
0A0000–0AFFFF
050000–057FFF
SA11
001011xxx
64/32
0B0000–0BFFFF
058000–05FFFF
SA12
001100xxx
64/32
0C0000–0CFFFF
060000–067FFF
SA13
001101xxx
64/32
0D0000–0DFFFF
068000–06FFFF
SA14
001110xxx
64/32
0E0000–0EFFFF
070000–077FFF
SA15
001111xxx
64/32
0F0000–0FFFFF
078000–07FFFF
SA16
010000xxx
64/32
100000–10FFFF
080000–087FFF
SA17
010001xxx
64/32
110000–11FFFF
088000–08FFFF
SA18
010010xxx
64/32
120000–12FFFF
090000–097FFF
SA19
010011xxx
64/32
130000–13FFFF
098000–09FFFF
SA20
010100xxx
64/32
140000–14FFFF
0A0000–0A7FFF
SA21
010101xxx
64/32
150000–15FFFF
0A8000–0AFFFF
SA22
010110xxx
64/32
160000–16FFFF
0B0000–0B7FFF
SA23
010111xxx
64/32
170000–17FFFF
0B8000–0BFFFF
SA24
011000xxx
64/32
180000–18FFFF
0C0000–0C7FFF
SA25
011001xxx
64/32
190000–19FFFF
0C8000–0CFFFF
SA26
011010xxx
64/32
1A0000–1AFFFF
0D0000–0D7FFF
SA27
011011xxx
64/32
1B0000–1BFFFF
0D8000–0DFFFF
SA28
011100xxx
64/32
1C0000–1CFFFF
0E0000–0E7FFF
SA29
011101xxx
64/32
1D0000–1DFFFF
0E8000–0EFFFF
SA30
011110xxx
64/32
1E0000–1EFFFF
0F0000–0F7FFF
SA31
011111xxx
64/32
1F0000–1FFFFF
0F8000–0FFFFF
SA32
100000xxx
64/32
200000–20FFFF
100000–107FFF
SA33
100001xxx
64/32
210000–21FFFF
108000–10FFFF
SA34
100010xxx
64/32
220000–22FFFF
110000–117FFF
SA35
100011xxx
64/32
230000–23FFFF
118000–11FFFF
SA36
100100xxx
64/32
240000–24FFFF
120000–127FFF
SA37
100101xxx
64/32
250000–25FFFF
128000–12FFFF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


λ°μ΄ν„°μ‹œνŠΈ Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET κ°€ κ·€ν•˜μ— 도움이 λ˜μ…¨λ‚˜μš”?  [ DONATE ]  

AlldatasheetλŠ”?   |   κ΄‘κ³ λ¬Έμ˜    |   μš΄μ˜μžμ—κ²Œ μ—°λ½ν•˜κΈ°   |   κ°œμΈμ •λ³΄μ·¨κΈ‰λ°©μΉ¨   |   즐겨찾기   |   λ§ν¬κ΅ν™˜   |   μ œμ‘°μ‚¬λ³„ 검색
All Rights ReservedΒ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn