전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM74ALS373SJ 데이터시트(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 DM74ALS373SJ
상세설명  Octal D-Type TRI-STATE Transparent Latch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74ALS373SJ 데이터시트(HTML) 2 Page - National Semiconductor (TI)

  DM74ALS373SJ Datasheet HTML 1Page - National Semiconductor (TI) DM74ALS373SJ Datasheet HTML 2Page - National Semiconductor (TI) DM74ALS373SJ Datasheet HTML 3Page - National Semiconductor (TI) DM74ALS373SJ Datasheet HTML 4Page - National Semiconductor (TI) DM74ALS373SJ Datasheet HTML 5Page - National Semiconductor (TI) DM74ALS373SJ Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
Supply Voltage
7V
Input Voltage
7V
Voltage Applied to Disabled Output
55V
Operating Free Air Temperature Range
DM74ALS
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Typical iJA
N Package
570 CW
M Package
760 CW
Note
This product meets application requirements of 500 temperature cy-
cles from b65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
45
5
55
V
VIH
High Level Input Voltage
2
V
VIL
Low Level Input Voltage
08
V
IOH
High Level Output Current
b
26
mA
IOL
Low Level Output Current
24
mA
tW
Width of Enable Pulse High or Low
10
ns
tSU
Data Setup Time
10
v
ns
tH
Data Hold Time
7
v
ns
TA
Free Air Operating Temperature
0
70
C
The (
v) arrow indicates the negative edge of the enable is used for reference
Electrical Characteristics
over recommended operating free air temperature range All typical values are measured at VCC e 5V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC e 45V II eb18 mA
b
15
V
VOH
High Level Output
VCC e 45V
IOH eb26 mA
24
33
V
Voltage
VCC e 45V to 55V
VCC b 2V
IOH eb400 mA
VOL
Low Level Output
VCC e 45V
IOL e 24 mA
035
05
V
Voltage
II
Input Current at Max
VCC e 55V VIH e 7V
01
mA
Input Voltage
IIH
High Level Input Current
VCC e 55V VIH e 27V
20
m
A
IIL
Low Level Input Current
VCC e 55V VIL e 04V
b
01
mA
IO
Output Drive Current
VCC e 55V
VO e 225V
b
30
b
112
mA
IOZH
Off-State Output Current
VCC e 55V
20
m
A
High Level Voltage Applied
VO e 27V
IOZL
Off-State Output Current
VCC e 55V
b
20
m
A
Low Level Voltage Applied
VO e 04V
ICC
Supply Current
VCC e 55V
Outputs High
9
16
mA
Outputs Open
Outputs Low
16
25
mA
Outputs Disabled
17
27
mA
http
www nationalcom
2


유사한 부품 번호 - DM74ALS373SJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74ALS373SJ FAIRCHILD-DM74ALS373SJ Datasheet
71Kb / 7P
   Octal D-Type 3-STATE Transparent Latch
More results

유사한 설명 - DM74ALS373SJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
   Octal D-Type Transparent Latch with TRI-STATE Outputs
MM54HCT573 NSC-MM54HCT573 Datasheet
127Kb / 6P
   TRI-STATE Octal D-Type Latch / TRI-STATE Octal D-Type Flip-Flop
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373 NSC-54ABT373 Datasheet
357Kb / 14P
   Octal Transparent Latch with TRI-STATE Outputs
54F533DM NSC-54F533DM Datasheet
166Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT373 NSC-54FCT373 Datasheet
146Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com