전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM2958C16 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 SM2958C16
상세설명  8 - Bit Micro-controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

SM2958C16 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SM2958C16 Datasheet HTML 3Page - List of Unclassifed Manufacturers SM2958C16 Datasheet HTML 4Page - List of Unclassifed Manufacturers SM2958C16 Datasheet HTML 5Page - List of Unclassifed Manufacturers SM2958C16 Datasheet HTML 6Page - List of Unclassifed Manufacturers SM2958C16 Datasheet HTML 7Page - List of Unclassifed Manufacturers SM2958C16 Datasheet HTML 8Page - List of Unclassifed Manufacturers SM2958C16 Datasheet HTML 9Page - List of Unclassifed Manufacturers SM2958C16 Datasheet HTML 10Page - List of Unclassifed Manufacturers SM2958C16 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
August 2000
Specifications subject to change without notice,contact your sales representatives for the most recent information.
7/16
Ver 1.0
PID 2958 08/00
SyncMOS Technologies Inc.
SM2958
Application Reference
X'tal
3MHz
6MHz
9MHz
12MHz
C1
30 pF
30 pF
30 pF
30 pF
C2
30 pF
30 pF
30 pF
30 pF
R
open
open
open
open
X'tal
16MHz
25MHz
33MHz
40MHz
C1
30 pF
15 pF
10 pF
5 pF
C2
30 pF
15 pF
10 pF
5 pF
R
open
62K
6.8K
note
XI
X2
SM2958
X'tal
R
C1
C2
Valid for SM2958
Data Memory Read Cycle Timing
OSC
T12
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
T11
T12
T1
T2
T3
ALE
1
2
#PSEN
#RD
PORT2
PORT0
5
7
ADDRESS A15 - A8
INST in Float
A7 - A0
3
4
3
Float
6
DATA in
8
Float
ADDRESS
or Float
Note: Oscillation circuit may differs with different crystal or ceramic
resonator in higher oscillation frequency which was due to
each crystal or ceramic resonator has its own characteristics.
User should check with the crystal or ceramic resonator
manufacture for appropriate value of external components.
Please see SM2958 application note for details.


유사한 부품 번호 - SM2958C16

제조업체부품명데이터시트상세설명
logo
DB Unlimited.
SM290408-1 DBUNLIMITED-SM290408-1 Datasheet
747Kb / 1P
   Released from Engineering
SM290508-1 DBUNLIMITED-SM290508-1 Datasheet
554Kb / 1P
   Released from Engineering
logo
UNIOHM CORPORATION
SM290A UNIOHM-SM290A Datasheet
66Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Taychipst Elec...
SM290A TAYCHIPST-SM290A Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SM290B UNIOHM-SM290B Datasheet
67Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - SM2958C16

제조업체부품명데이터시트상세설명
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com