전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TD34063 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 TD34063
상세설명  DC TO DC CONVERTER CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

TD34063 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

  TD34063 Datasheet HTML 1Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 2Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 3Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 4Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 5Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 6Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 7Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 8Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
TD34063
TMC
Figure 5. Step-Up Converter
Test
Condition
Results
Line Regulation
V
in = 8.0 V to 16 V, Io = 175 mA
30 mV =
0.05%
Load Regulation
V
in = 12 V, Io = 75 mA to 175 mA
10 mV = ± 0.017%
Output Ripple
V
in = 12 V, Io = 175 mA
400 mVpp
Efficiency
V
in = 12 V, Io = 175 mA
87.7%
Output Ripple With Optional Filter
V
in = 12 V, Io = 175 mA
40 mVpp
Figure 6. External Current Boost Connections for Ic Peak Greater than 1.5 A
6a. External NPN Switch
6 b. External NPN Saturated Switch
(See Note 5 )
Note 5: If the output switch is driven into hard saturation (non-Darlington configuration) at low switch
currents (
300 mA) and high driver currents (
30 mA), it may take up to 2.0 us to come out of
saturation.
This condition will shorten the off time at frequencies
30 kHz, and is magnified at high
temperatures.
This condition does not occur with a Darlington configuration, since the output switch
cannot saturate.
If a non-Darlington configuration is used, the following output drive condition is
recommended.
±


유사한 부품 번호 - TD34063

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TD340 STMICROELECTRONICS-TD340 Datasheet
158Kb / 21P
   H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
TD340D STMICROELECTRONICS-TD340D Datasheet
158Kb / 21P
   H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
TD340ID STMICROELECTRONICS-TD340ID Datasheet
158Kb / 21P
   H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
More results

유사한 설명 - TD34063

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
MC34063A UTC-MC34063A Datasheet
409Kb / 9P
   DC TO DC CONVERTER CONTROLLER
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
   DC to DC Converter Controller
logo
GTM CORPORATION
GSC34063 GTM-GSC34063 Datasheet
269Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A_12 Datasheet
444Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063A TSC-TS34063A Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
logo
Wuxi Youda electronics ...
YD34063 YOUDA-YD34063 Datasheet
108Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
UC33063A UTC-UC33063A_15 Datasheet
459Kb / 9P
   DC TO DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com