전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3668N 데이터시트(PDF) 5 Page - Sony Corporation

부품명 CXA3668N
상세설명  Reception Analog Signal Processor IC for Infrared Space Digital Audio Communication
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3668N 데이터시트(HTML) 5 Page - Sony Corporation

  CXA3668N Datasheet HTML 1Page - Sony Corporation CXA3668N Datasheet HTML 2Page - Sony Corporation CXA3668N Datasheet HTML 3Page - Sony Corporation CXA3668N Datasheet HTML 4Page - Sony Corporation CXA3668N Datasheet HTML 5Page - Sony Corporation CXA3668N Datasheet HTML 6Page - Sony Corporation CXA3668N Datasheet HTML 7Page - Sony Corporation CXA3668N Datasheet HTML 8Page - Sony Corporation CXA3668N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
– 5 –
CXA3668N
Pin
No.
Symbol
Standard
voltage level
Equivalent circuit
Description
21
AGCIREF2
Vcc2
GND2
21
I/O
Reference current generation
for determining the AGC2
attack time.
Connect to GND2 through a
390
Ω or more resistor.
Reducing the resistance value
shortens the attack time.
22
VCC2
+2.5V
(Typ.)
AGC power supply.
23
AGCIREF3
1.25V
Vcc2
GND2
23
Reference current generation
for determining the input AGC
and the AGC2 recovery time.
Connect to VCC2 through a
33k
Ω resistor.
24
AGCCAP1
Vcc2
GND2
24
Input AGC response setting.
Connect to VCC2 through a
capacitor.
0.2V


유사한 부품 번호 - CXA3668N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
   Fingerprint Sensor
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
   Direct Conversion IC for Digital Satellite Broadcast Tuner
CXA3691AEN SONY-CXA3691AEN Datasheet
215Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
More results

유사한 설명 - CXA3668N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXD4017R SONY-CXD4017R Datasheet
1Mb / 34P
   Reception Digital Signal Processor IC for Infrared Spatial Digital Audio Communication
CXD4016R SONY-CXD4016R Datasheet
1Mb / 31P
   Transmission Digital Signal Processor IC for Infrared Spatial Digital Audio Communication
CXA2027Q SONY-CXA2027Q Datasheet
287Kb / 18P
   Analog signal processor IC
logo
Sanyo Semicon Device
LC83015E SANYO-LC83015E Datasheet
353Kb / 16P
   Digital Signal Processor for Audio Applications
logo
Samsung semiconductor
S5L9290X02 SAMSUNG-S5L9290X02 Datasheet
460Kb / 47P
   DIGITAL SIGNAL PROCESSOR FOR INTERNET AUDIO
logo
Toshiba Semiconductor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LC83010N SANYO-LC83010N Datasheet
446Kb / 20P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Toshiba Semiconductor
TC9331F TOSHIBA-TC9331F Datasheet
1Mb / 33P
   AUDIO DIGITAL SIGNAL PROCESSOR
TC9332F TOSHIBA-TC9332F Datasheet
1Mb / 28P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
ON Semiconductor
LC786821E ONSEMI-LC786821E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com