전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KSB817 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 KSB817
상세설명  Audio Power Amplifier Car Booster Output Amplifier DC to DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSB817 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  KSB817 Datasheet HTML 1Page - Fairchild Semiconductor KSB817 Datasheet HTML 2Page - Fairchild Semiconductor KSB817 Datasheet HTML 3Page - Fairchild Semiconductor KSB817 Datasheet HTML 4Page - Fairchild Semiconductor KSB817 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. B, November 2000
Typical Characteristics (Continued)
Figure 7. Current Gain Bandwidth Product
Figure 8. Safe Operating Area
Figure 9. Current Gain Bandwidth Product
-0.1
-1
-10
-1
-10
-100
VCE=-5V
IC(A) COLLECTOR CURRENT
0.1
1
10
100
-0.01
-0.1
-1
-10
-100
*SINGLE NONREPETITIVE
PULSE TC=25[
o
C]
10
0m
s
DC
IC MAX. (DC)
IC MAX. (Pulse)
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
255075
100
125
150
175
0
20
40
60
80
100
120
140
TC[
o
C], CASE TEMPERATURE


유사한 부품 번호 - KSB817

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KSB810 FAIRCHILD-KSB810 Datasheet
36Kb / 4P
   Audio Frequency Amplifier
logo
Samsung semiconductor
KSB811 SAMSUNG-KSB811 Datasheet
71Kb / 2P
   PNP (AUDIO FREQUENCY POWER AMPLIFIER)
logo
Fairchild Semiconductor
KSB811 FAIRCHILD-KSB811 Datasheet
41Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
Jiangsu Changjiang Elec...
KSB811 JIANGSU-KSB811 Datasheet
506Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
More results

유사한 설명 - KSB817

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KSD1047 FAIRCHILD-KSD1047 Datasheet
52Kb / 5P
   Audio Power Amplifier DC to DC Converter
logo
Wing Shing Computer Com...
2SC2581 WINGS-2SC2581 Datasheet
25Kb / 1P
   AUDIO POWER AMPLIFIER, DC TO DC CONVERTER(NPN)
2SB778 WINGS-2SB778 Datasheet
48Kb / 1P
   PNP PLANAR TRANSISTOR(AUDIO POWER AMPLIFIER, DC TO DC CONVERTER)
2SA1106 WINGS-2SA1106 Datasheet
25Kb / 1P
   PNP PLANAR TRANSISTOR(AUDIO POWER AMPLIFIER, DC TO DC CONVERTER)
2N5302 WINGS-2N5302 Datasheet
47Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
2SA1215 WINGS-2SA1215 Datasheet
26Kb / 1P
   PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
2SB817 WINGS-2SB817 Datasheet
48Kb / 1P
   PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
2SC3280 WINGS-2SC3280 Datasheet
25Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
2SD1148 WINGS-2SD1148 Datasheet
48Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
MJ15003 WINGS-MJ15003 Datasheet
47Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com