전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33975EK 데이터시트(PDF) 10 Page - Freescale Semiconductor, Inc

부품명 MC33975EK
상세설명  Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33975EK 데이터시트(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC33975EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33975
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 4. SPI Timing Characteristics
Figure 5. Sleep Mode to Normal Mode Operation
Figure 6. Normal Mode Interrupt Operation
tSO(dis)
0.7
VDD
0.2
VDD
0.2
VDD
0.7
VDD
0.2
VDD
tlead
tSO(en)
tSI(su) tSI(hold)
tvalid
tlag
CS
SCLK
SI
SO
MSB in
MSB out
LSB out
0.7 VDD
0.2
VDD
VPWR
VDD
WAKE
INT
CS
SGn
Power-Up
Sleep
Sleep Mode
Normal
Mode
Sleep Command
Sleep Mode
Normal
Mode
Sleep Command
Wake-Up From Interrupt
Timer Expire
Wake-Up From
Closed Switch
Command
Normal Mode
Tri-State
Command
(Disable Tri-State)
INT
CS
SGn
Switch open “0”
1
SGn Bit in SPI Word
Switch closed “1”
1
0
0
1
Switch
Command
0
on falling edge of CS
Latch switch status
Switch state change with
CS
low generates INT
Switch state change with
CS
low generates INT
Rising edge of CS does not
clear INT because state change
occurred while CS was low
Status
Switch
Command
Status
Switch
Command
Status
Switch
Command
Status
Switch
Command
Status
Switch
Command
Status


유사한 부품 번호 - MC33975EK

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC33975EK FREESCALE-MC33975EK Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975EKR2 FREESCALE-MC33975EKR2 Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
More results

유사한 설명 - MC33975EK

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
MC33972 FREESCALE-MC33972_08 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
CD1030 NXP-CD1030 Datasheet
1Mb / 67P
   33 channel multiple switch detection interface with programmable wetting current
Rev. 5.0, 7/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com