전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES35P16-75CC2Y 데이터시트(PDF) 11 Page - Excel Semiconductor Inc.

부품명 ES35P16-75CC2Y
상세설명  16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXCELSEMI [Excel Semiconductor Inc.]
홈페이지  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES35P16-75CC2Y 데이터시트(HTML) 11 Page - Excel Semiconductor Inc.

Back Button ES35P16-75CC2Y Datasheet HTML 7Page - Excel Semiconductor Inc. ES35P16-75CC2Y Datasheet HTML 8Page - Excel Semiconductor Inc. ES35P16-75CC2Y Datasheet HTML 9Page - Excel Semiconductor Inc. ES35P16-75CC2Y Datasheet HTML 10Page - Excel Semiconductor Inc. ES35P16-75CC2Y Datasheet HTML 11Page - Excel Semiconductor Inc. ES35P16-75CC2Y Datasheet HTML 12Page - Excel Semiconductor Inc. ES35P16-75CC2Y Datasheet HTML 13Page - Excel Semiconductor Inc. ES35P16-75CC2Y Datasheet HTML 14Page - Excel Semiconductor Inc. ES35P16-75CC2Y Datasheet HTML 15Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
ES I
ES I
11
Rev. 0E May 11 , 2006
ES25P16
Excel Semiconductor inc.
ADVANCED INFORMATION
0
0
0
0
0
1
0
0
0
0
0
0
0
1
1
0
Write Enable (WREN)
The Write Enable (WREN) instruction (Figure 4) sets
the Write Enable Latch (WEL) bit. The Write Enable
Latch (WEL) bit must be set prior to every Page Pro-
gram (PP or PPP), Erase (SE, BE or PE) and Write
Status Register (WRSR) instruction. The Write
Enable (WREN) instruction is entered by driving
Chip Select (CS#) Low, sending the instruction code,
and then driving Chip Select (CS#) High.
Write Disable (WRDI)
The Write Disable (WRDI) instruction (Figure 5)
resets the Write Enable Latch (WEL) bit. The Write
Disable (WRDI) instruction is entered by driving Chip
Select (CS#) Low, sending the instruction code, and
then driving Chip Select (CS#) High.
The Write Enable (WEL) bit is reset under the follow-
ing conditions :
- Power-up
- WRDI instruction completion
- WRSR instruction completion
- PP instruction completion
- SE instruction completion
- BE instruction completion
0
1
2
3
4
5
6
7
Figure 4. Write Enable ( WREN ) Instruction Sequence
SCK
CS#
SI
SO
Instruction
High Impedance
0
1
2
3
4
5
6
7
Figure 5. Write Disable ( WRDI ) Instruction Sequence
SCK
CS#
SI
SO
Instruction
High Impedance


유사한 부품 번호 - ES35P16-75CC2Y

제조업체부품명데이터시트상세설명
logo
Excel Semiconductor Inc...
ES35P40-75CC2R EXCELSEMI-ES35P40-75CC2R Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES35P40-75CC2T EXCELSEMI-ES35P40-75CC2T Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES35P40-75CC2Y EXCELSEMI-ES35P40-75CC2Y Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES35P40-75CG2R EXCELSEMI-ES35P40-75CG2R Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES35P40-75CG2T EXCELSEMI-ES35P40-75CG2T Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
More results

유사한 설명 - ES35P16-75CC2Y

제조업체부품명데이터시트상세설명
logo
Excel Semiconductor Inc...
ES25P40 EXCELSEMI-ES25P40 Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P80 EXCELSEMI-ES25P80 Datasheet
435Kb / 35P
   8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
logo
SPANSION
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D SPANSION-S25FL004D Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
logo
Winbond
W19B160BT WINBOND-W19B160BT Datasheet
544Kb / 48P
   16Mbit, 2.7~3.6 volt CMOS flash memory
logo
SPANSION
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A_08 Datasheet
1Mb / 36P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com