전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES29DS800FT-70RTG 데이터시트(PDF) 7 Page - Excel Semiconductor Inc.

부품명 ES29DS800FT-70RTG
상세설명  4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXCELSEMI [Excel Semiconductor Inc.]
홈페이지  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29DS800FT-70RTG 데이터시트(HTML) 7 Page - Excel Semiconductor Inc.

Back Button ES29DS800FT-70RTG Datasheet HTML 3Page - Excel Semiconductor Inc. ES29DS800FT-70RTG Datasheet HTML 4Page - Excel Semiconductor Inc. ES29DS800FT-70RTG Datasheet HTML 5Page - Excel Semiconductor Inc. ES29DS800FT-70RTG Datasheet HTML 6Page - Excel Semiconductor Inc. ES29DS800FT-70RTG Datasheet HTML 7Page - Excel Semiconductor Inc. ES29DS800FT-70RTG Datasheet HTML 8Page - Excel Semiconductor Inc. ES29DS800FT-70RTG Datasheet HTML 9Page - Excel Semiconductor Inc. ES29DS800FT-70RTG Datasheet HTML 10Page - Excel Semiconductor Inc. ES29DS800FT-70RTG Datasheet HTML 11Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
ES I
ES I
7
Rev.1C January 5, 2006
ES29LV400D
Excel Semiconductor inc.
The device enters the CMOS standby mode when
CE# and RESET# pins are both held at Vcc+0.3V.
(Note that this is a more restricted voltage range
than VIH.) If CE# and RESET# are held at VIH, but
not within Vcc+0.3V, the device will be still in the
standby mode, but the standby current will be
greater than the CMOS standby current (0.2uA typi-
cally). When the device is in the standby mode, only
standard access time (tCE) is required for read
access, before it is ready for read data. And even if
the device is deselected by CE# pin during erase or
programming operation, the device draws active cur-
rent until the operation is completely done. While the
device stays in the standby mode, the output is
placed in the high impedance state, independent of
the OE# input.
The device can enter the deep power-down mode
where current consumption is greatly reduced down
to less than 0.2uA typically by the following three
ways:
- CMOS standby ( CE#, RESET# = Vcc + 0.3V )
- During the device reset ( RESET# = Vss
+ 0.3V )
- In Autosleep Mode ( after tACC + 30ns )
Refer to the CMOS DC characteristics Table 7 for
further current specification.
Autosleep Mode
The device automatically enters a deep power-down
mode called the autosleep mode when addresses
remain stable for tACC+30ns. In this mode, current
consumption is greatly reduced ( less than 0.2uA
typical ), regardless of CE#, WE# and OE# control
signals.
Writing Commands
To write a command or command sequences to ini-
tiate some operations such as program or erase, the
system must drive WE# and CE# to VIL, and OE# to
VIH. For program operations, the BYTE# pin deter-
mines whether the device accepts program data in
bytes or words. Refer to “BYTE# timings for Write
Operations” in the Fig. 19 for more information.
Unlock Bypass Mode
To reduce more the programming time, an unlock-
bypass mode is provided. Once the device enters
this mode, only two write cycles are required to ini-
tiate the programming operation instead of four
cycles in the normal program command sequences
which are composed of two unlock cycles, program
set-up cycle and the last cycle with the program data
and addresses. In this mode, two unlock cycles are
saved ( or bypassed ).
Sector Addresses
The entire memory space of cell array is divided into
a many of small sectors: 16Kbytes x 1, 8Kbytes x 2,
32Kbytes x 1 and 64Kbytes x 7 main sectors. In
erase operation, a single sector, multiple sectors, or
the entire device (chip erase) can be selected for
erase. The address space that each sector occupies
is shown in detail in the Table 3-4.
Autoselect Mode
Flash memories are intended for use in applications
where the local CPU alters memory contents. In
such applications, manufacturer and device identifi-
cation (ID) codes must be accessible while the
device resides in the target system ( the so called
“in-system program”). On the other hand, signature
codes have been typically accessed by raising A9
pin to a high voltage in PROM programmers. How-
ever, multiplexing high voltage onto address lines is
not the generally desired system design practice.
Therefore, in the ES29LV400 device an autoselect
command is provided to allow the system to access
the signature codes without any high voltage. The
conventional A9 high-voltage method used in the
PROM programers for signature codes are still sup-
ported in this device.
If the system writes the autoselect command
sequence, the device enters the Autoselect mode.
The system can then read some useful codes such
as manufacturer and device ID from the internal reg-
isters on DQ7 - DQ0. Standard read cycle timings
apply in this mode. In the Autoselect mode, the fol-
lowing three informations can be accessed through
either autoselect command method or A9 high-volt-
age autoselect method. Refer to the Table 2.
- Manufacturer ID
- Device ID
- Sector protection verify
Hardware Device Reset ( RESET# )
The RESET# pin provides a hardware method of
resetting the device to read array data. When the
RESET# pin is driven low for at least a period of tRP ,


유사한 부품 번호 - ES29DS800FT-70RTG

제조업체부품명데이터시트상세설명
logo
Excel Semiconductor Inc...
ES29DS800FT-70TGI EXCELSEMI-ES29DS800FT-70TGI Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29DS800FT-70WC EXCELSEMI-ES29DS800FT-70WC Datasheet
678Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

유사한 설명 - ES29DS800FT-70RTG

제조업체부품명데이터시트상세설명
logo
Excel Semiconductor Inc...
ES29LV400E EXCELSEMI-ES29LV400E Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29002 AMICC-A29002 Datasheet
312Kb / 32P
   256K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70TFI020 SPANSION-S29AL016J70TFI020 Datasheet
1Mb / 58P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
SPANSION
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
   16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A_11 Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com