전자부품 데이터시트 검색엔진 |
|
G1085T53T 데이터시트(PDF) 5 Page - Global Mixed-mode Technology Inc |
|
G1085T53T 데이터시트(HTML) 5 Page - Global Mixed-mode Technology Inc |
5 / 8 page Ver: 1.2 Sep 20, 2004 TEL: 886-3-5788833 http://www.gmt.com.tw 5 G1085 Global Mixed-mode Technology Inc. Typical Performance Characteristics (continued) Dropout Voltage vs. IOUT Load Regulation Output Voltage vs. Temperature IL = 2.5A Adj Pin Current vs. Temperature 0 0.5 1 1.5 2 0 123 4 IOUT (A) T = 25°C 1.240 1.243 1.245 1.248 1.250 1.253 1.255 -50 -30 -10 10305070 Temperature (°C) VIN = 5V VIN = 3V 30 40 50 60 70 80 90 100 -50 -30 -10 10 30 50 70 Temperature (°C) VIN = 5V VIN = 3V -5 -3 -1 1 3 5 -50 -30 -10 10 30 50 70 Temperature (°C) IL = 10mA~2.5A VIN = 3V VIN = 5V IL = 2.5A 0 0.5 1 1.5 2 2.5 3 3.5 4 01 23 4 5 PCB Top Copper Area (in 2) G1085T43(TO-252) Max. Power Dissipation vs. PCB Top Copper Area TAMB = 25°C ; Still Air 0 0.5 1 1.5 2 2.5 3 3.5 4 25 35 45 55 65 75 85 TAMB (°C) A=0.1 A=0.2 A=0.3 A=0.4 A=0.5 A=1.0 A=1.5 A=2.0 A=2.5 A=3.0 A=3.5 A=4.0 A=4.5 A=5.0 G1085T43(TO-252) Max. Power Dissipation vs. TAMB (still air) ( Different PCB Top Copper Area ) Unit : in2 |
유사한 부품 번호 - G1085T53T |
|
유사한 설명 - G1085T53T |