전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES29DS320D-90RWCI 데이터시트(PDF) 4 Page - Excel Semiconductor Inc.

부품명 ES29DS320D-90RWCI
상세설명  4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXCELSEMI [Excel Semiconductor Inc.]
홈페이지  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29DS320D-90RWCI 데이터시트(HTML) 4 Page - Excel Semiconductor Inc.

  ES29DS320D-90RWCI Datasheet HTML 1Page - Excel Semiconductor Inc. ES29DS320D-90RWCI Datasheet HTML 2Page - Excel Semiconductor Inc. ES29DS320D-90RWCI Datasheet HTML 3Page - Excel Semiconductor Inc. ES29DS320D-90RWCI Datasheet HTML 4Page - Excel Semiconductor Inc. ES29DS320D-90RWCI Datasheet HTML 5Page - Excel Semiconductor Inc. ES29DS320D-90RWCI Datasheet HTML 6Page - Excel Semiconductor Inc. ES29DS320D-90RWCI Datasheet HTML 7Page - Excel Semiconductor Inc. ES29DS320D-90RWCI Datasheet HTML 8Page - Excel Semiconductor Inc. ES29DS320D-90RWCI Datasheet HTML 9Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
ES I
ES I
4
Rev.0B January 5, 2006
ES29LV400E
Excel Semiconductor inc.
PIN DESCRIPTION
Pin
Description
A0-A17
18 Addresses
DQ0-DQ14
15 Data Inputs/Outputs
DQ15/A-1
DQ15 (Data Input/Output, Word Mode)
A-1 (LSB Address Input, Byte Mode)
CE#
Chip Enable
OE#
Output Enable
WE#
Write Enable
RESET#
Hardware Reset Pin, Active Low
BYTE#
Selects 8-bit or 16-bit mode
RY/BY#
Ready/Busy Output
Vcc
3.0 volt-only single power supply
(see Product Selector Guide for speed options and voltage supply tolerances)
Vss
Device Ground
NC
Pin Not Connected Internally
LOGIC SYMBOL
DQ0 ~ DQ15
(A-1)
RY/BY#
BYTE#
RESET#
OE#
CE#
A0 ~ A17
WE#
18
16 or 8


유사한 부품 번호 - ES29DS320D-90RWCI

제조업체부품명데이터시트상세설명
logo
Excel Semiconductor Inc...
ES29DS320D-90RTG EXCELSEMI-ES29DS320D-90RTG Datasheet
679Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

유사한 설명 - ES29DS320D-90RWCI

제조업체부품명데이터시트상세설명
logo
Excel Semiconductor Inc...
ES29LV400D EXCELSEMI-ES29LV400D Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29002 AMICC-A29002 Datasheet
312Kb / 32P
   256K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70TFI020 SPANSION-S29AL016J70TFI020 Datasheet
1Mb / 58P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
SPANSION
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
   16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A_11 Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com