전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES29DS400F-70RTG 데이터시트(PDF) 10 Page - Excel Semiconductor Inc.

부품명 ES29DS400F-70RTG
상세설명  4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXCELSEMI [Excel Semiconductor Inc.]
홈페이지  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29DS400F-70RTG 데이터시트(HTML) 10 Page - Excel Semiconductor Inc.

Back Button ES29DS400F-70RTG Datasheet HTML 6Page - Excel Semiconductor Inc. ES29DS400F-70RTG Datasheet HTML 7Page - Excel Semiconductor Inc. ES29DS400F-70RTG Datasheet HTML 8Page - Excel Semiconductor Inc. ES29DS400F-70RTG Datasheet HTML 9Page - Excel Semiconductor Inc. ES29DS400F-70RTG Datasheet HTML 10Page - Excel Semiconductor Inc. ES29DS400F-70RTG Datasheet HTML 11Page - Excel Semiconductor Inc. ES29DS400F-70RTG Datasheet HTML 12Page - Excel Semiconductor Inc. ES29DS400F-70RTG Datasheet HTML 13Page - Excel Semiconductor Inc. ES29DS400F-70RTG Datasheet HTML 14Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
ES I
ES I
10
Rev.1C January 5, 2006
ES29LV400D
Excel Semiconductor inc.
Operation
CE#
OE#
WE#
RESET#
Addresses
(Note 1)
DQ0
~
DQ7
DQ8~DQ15
BYTE#
= VIH
BYTE#
= VIL
Read
L
L
H
H
AIN
DOUT
DOUT
DQ8~DQ14 = High-Z,
DQ15 = A-1
Write
L
H
L
H
AIN
(Note 3)
(Note 3)
Standby
Vcc+
0.3V
XX
Vcc+
0.3V
X
High-Z
High-Z
High-Z
Output Disable
Reset
L
H
H
H
X
High-Z
High-Z
X
X
X
L
X
High-Z
High-Z
In-system
Sector Protect
(Note 2)
LH
L
VID
SA,A6=L,
A1=H,A0=L
(Note 3)
X
X
Sector Unprotect
(Note 2)
L
H
L
VID
SA,A6=H,
A1=H,A0=L
(Note 3)
X
X
Temporary Sector
Unprotect
X
X
X
VID
AIN
(Note 3)
(Note 3)
High-Z
A9 High-Volt-
age Method
Sector protect
L
VID
L
H
SA,A9=VID,
A6=L,
A1=H,A0=L
(Note 3)
(Note 3)
High-Z
Sector unprotect
L
VID
LH
SA,A9=VID,
A6=H,
A1=H,A0=L
Table 1. ES29LV400 Device Bus Operations
Legend: L=Logic Low=VIL, H=Logic High=VIH, VID=11.5-12.5V, X=Don’t Care, SA=Sector Address, AIN=Address In, DIN=Data In,
DOUT=Data Out
Notes:
1. Addresses are A17:A0 in word mode (BYTE#=VIH) , A17:A-1 in byte mode (BYTE#=VIL).
2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See the “Sector Pro-
tection and Unprotection” section.
3. DIN or DOUT as required by command sequence, data polling, or sector protection algorithm.
Description
CE# OE# WE#
A17
to
A12
A11
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ8~DQ15
DQ7~DQ0
BYTE#
= VIH
BYTE#
= VIL
ManufactureID:ESI
L
L
H
XX
VID
XL
X
L
L
X
X4Ah
Device ID:
ES29LV400
LLH
X
X
VID
X
L
X
L
H
22h
X
B9h(T),BAh(B)
Sector Protection
Verification
LLH
SA
X
VID
XL
X
H
L
X
X
01h(protected)
00h(unprotected)
Legend: T= Top Boot Block, B = Bottom Boot Block, L=Logic Low=VIL, H=Logic High=VIH, SA=Sector Address, X = Don’t care
Table 2. Autoselect Codes (A9 High-Voltage Method)


유사한 부품 번호 - ES29DS400F-70RTG

제조업체부품명데이터시트상세설명
logo
Excel Semiconductor Inc...
ES29DS400F-70WCI EXCELSEMI-ES29DS400F-70WCI Datasheet
745Kb / 58P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

유사한 설명 - ES29DS400F-70RTG

제조업체부품명데이터시트상세설명
logo
Excel Semiconductor Inc...
ES29LV400E EXCELSEMI-ES29LV400E Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29002 AMICC-A29002 Datasheet
312Kb / 32P
   256K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70TFI020 SPANSION-S29AL016J70TFI020 Datasheet
1Mb / 58P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
SPANSION
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
   16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A_11 Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com