전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

VXP 데이터시트(HTML) 2 Page - RUBYCON CORPORATION

부품명 VXP
상세내용  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  RUBYCON [RUBYCON CORPORATION]
홈페이지  http://www.rubycon.com
Logo 

VXP 데이터시트(HTML) 2 Page - RUBYCON CORPORATION

   
Zoom Inzoom in Zoom Outzoom out
/ 3 page
 2 / 3 page
background image
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
WV
øD
Cap(
µF)
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
10
16
ø22
ø25
ø30
v35
ø22
ø25
ø30
ø35
WV
øD
Cap(
µF)
5600
4700
3900
3300
2700
6800
8200
10000
12000
15000
18000
22000
27000
25
35
ø22
ø25
ø30
ø35
ø22
ø25
ø30
ø35
WV
øD
Cap(
µF)
5600
6800
8200
10000
12000
1500
1200
1000
1800
2200
2700
3300
3900
4700
50
63
v22
ø25
ø30
ø35
ø22
ø25
ø30
ø35
WV
øD
Cap(
µF)
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
80
100
ø22
ø25
ø30
ø35
ø22
ø25
ø30
ø35
22x25
22x30
22x35
22x40
22x45
25x25
25x30
25x35
25x40
25x45
25x50
30x25
30x30
30x30
30x35
30x40
30x45
30x50
35x30
35x35
35x40
35x45
35x50
22x25
22x30
22x30
22x35
22x40
22x45
25x25
25x30
25x35
25x40
25x45
25x50
30x25
30x30
30x35
30x40
30x45
30x50
35x30
35x30
35x35
35x40
35x45
35x50
22x25
22x30
22x35
22x40
22x45
22x50
25x25
25x30
25x35
25x40
25x45
30x25
30x30
30x35
30x40
30x45
30x50
35x30
35x30
35x35
35x40
35x50
22x25
22x30
22x35
22x40
22x45
22x50
25x25
25x30
25x35
25x40
25x45
30x25
30x30
30x35
30x40
30x45
35x30
35x35
35x40
35x45
22x25
22x25
22x30
22x35
22x40
22x45
25x25
25x30
25x30
25x35
25x40
25x45
30x25
30x30
30x30
30x35
30x40
30x50
35x30
35x35
35x40
35x45
35x50
22x25
22x25
22x30
22x35
22x40
22x45
25x25
25x30
25x30
25x35
25x40
25x45
30x25
30x30
30x30
30x35
30x40
30x45
35x30
35x35
35x40
35x45
35x50
22x25
22x30
22x35
22x40
22x45
25x25
25x30
25x35
25x45
30x25
30x25
30x30
30x35
30x40
30x45
35x30
35x35
35x40
35x45
35x50
22x25
22x30
22x35
22x40
22x45
22x50
25x25
25x30
25x35
25x40
25x45
30x25
30x30
30x30
30x35
30x40
30x45
35x30
35x35
35x40
35x45
35x50
1.36
1.65
1.85
2.12
2.40
1.82
2.11
2.32
2.59
3.01
3.43
2.14
2.37
2.73
3.13
3.53
3.78
4.58
3.05
3.49
3.96
4.60
5.06
1.44
1.66
1.79
2.08
2.36
2.69
1.67
2.07
2.37
2.72
3.06
3.39
2.13
2.54
3.02
3.46
3.88
4.33
3.09
3.31
3.85
4.33
4.96
5.49
1.31
1.55
1.77
2.02
2.27
2.56
1.56
1.88
2.18
2.53
2.79
1.92
2.38
2.70
3.13
3.52
3.92
2.76
3.00
3.50
3.95
4.72
1.29
1.54
1.77
2.01
2.25
2.49
1.55
1.87
2.18
2.45
2.80
1.80
2.28
2.69
3.04
3.38
2.78
3.30
3.88
4.40
1.21
1.28
1.52
1.77
2.02
2.27
1.46
1.76
1.87
2.20
2.43
2.72
1.72
2.09
2.22
2.58
3.01
3.63
2.35
2.91
3.36
3.79
4.06
1.10
1.17
1.41
1.62
1.85
2.10
1.38
1.63
1.75
2.03
2.33
2.58
1.66
2.01
2.15
2.46
2.82
3.22
2.31
2.77
3.20
3.61
3.94
1.09
1.29
1.48
1.70
1.91
1.32
1.74
1.86
2.22
1.58
1.68
2.02
2.50
2.69
2.94
2.18
2.60
3.00
3.44
3.72
1.01
1.19
1.33
1.56
1.76
2.00
1.26
1.52
1.76
2.03
2.29
1.47
1.76
1.89
2.19
2.52
2.86
2.05
2.48
2.87
3.25
3.56
♦STANDARD SIZE, RATED RIPPLE CURRENT
VXP
Case Size øDxL(mm)
Ripple Current (A r.m.s./120Hz·105
°C)


Html Pages

1  2  3 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn