전자부품 데이터시트 검색엔진 |
|
IS61LV10248-10TLI 데이터시트(PDF) 5 Page - Integrated Silicon Solution, Inc |
|
IS61LV10248-10TLI 데이터시트(HTML) 5 Page - Integrated Silicon Solution, Inc |
5 / 16 page Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774 5 Rev. C 04/13/06 IS61LV10248 ISSI® AC TEST LOADS AC TEST CONDITIONS Parameter Unit Input Pulse Level 0V to 3.0V Input Rise and Fall Times 3 ns Input and Output Timing 1.5V and Reference Levels Output Load See Figures 1 and 2 Figure 1 319 Ω 5 pF Including jig and scope 353 Ω OUTPUT 3.3V Figure 2 ZO = 50 Ω 1.5V 50 Ω OUTPUT 30 pF Including jig and scope |
유사한 부품 번호 - IS61LV10248-10TLI |
|
유사한 설명 - IS61LV10248-10TLI |