전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N6824UR-1 데이터시트(PDF) 1 Page - Sensitron

부품명 1N6824UR-1
상세설명  SCHOTTKY FAST SWITCHING DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSITRON [Sensitron]
홈페이지  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N6824UR-1 데이터시트(HTML) 1 Page - Sensitron

  1N6824UR-1 Datasheet HTML 1Page - Sensitron 1N6824UR-1 Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• 221 West Industry Court
Deer Park, NY 11729
(631) 586 7600 FAX (631) 242 9798
• World Wide Web Site - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 4244, Rev-
SCHOTTKY FAST SWITCHING DIODES
Sensitron’s Power Semiconductor Products have been used in space, military and high-rel applications for more
than 30 years. Our 100V Schottky fast switching diodes, 1N6761-1/UR-1 & 1N6824-1/UR-1, are available in both
axial and melf packaging. We also supply 100V Schottky die products.
Applications / Markets:
▼Switching power supply
▼Converters
▼Free-Wheeling Diodes
▼Polarity protection diode
▼High-rel industrial
▼Military
▼Aerospace
▼ Space/satellites
Features / Benefits:
▼Ultra-low reverse leakage current
▼Soft Reverse Recovery at Low and High Temperature
▼Very Low Forward Voltage Drop
▼Low Power Loss, High Efficiency
▼High Surge Capacity
▼Guaranteed Reverse Avalanche Characteristics
▼Outperforms 100 Volt Ultra Fast Rectifiers
▼Hermetic, non-cavity glass package
▼Metallurgically bonded
▼Screening to TX, TXV, S levels available
All ratings are at TA = 25
oC unless otherwise specified.
RATING
SYMBOL
CONDITIONS
MIN
MAX
UNIT
Peak Inverse Voltage
VRWM
-
100
Vdc
Average DC Output Current (Io)
Io
-
1.0
Amps
Peak Single Cycle Surge Current (Ifsm)
IFSM
tp = 8.3 ms Half Sine Wave,
-
25
Amps(pk)
CHARACTERISTIC
CONDITIONS
MIN
MAX
UNIT
Maximum Forward Voltage
6761
Vf
IF = 0.1A (300 µsec pulse,
duty cycle < 2%)
-
0.38
Volts
Maximum Forward Voltage
6824
6761
Vf
IF = 1.0A (300 µsec pulse,
duty cycle < 2%)
-
0.49
0.69
Volts
Maximum Instantaneous
6824
Reverse Current At Rated VRWM
6761
Ir
TA = 25° C VR=100V
TA = 100° C
-
10
100
µAmps
Junction Capacitance (CJ)
6824
6761
VR = 5 Vdc
-
40
70
pF
1N6761-1/N6761UR-1
1N6824-1/1N6824UR-1


유사한 부품 번호 - 1N6824UR-1

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N6820 MICROSEMI-1N6820 Datasheet
88Kb / 2P
   LOW REVERSE LEAKAGE SCHOTTKY DIODE
1N6820R MICROSEMI-1N6820R Datasheet
88Kb / 2P
   LOW REVERSE LEAKAGE SCHOTTKY DIODE
1N6821 MICROSEMI-1N6821 Datasheet
86Kb / 3P
   LOW VOLTAGE DROP SCHOTTKY DIODE
1N6821R MICROSEMI-1N6821R Datasheet
86Kb / 3P
   LOW VOLTAGE DROP SCHOTTKY DIODE
1N6822 MICROSEMI-1N6822 Datasheet
72Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
More results

유사한 설명 - 1N6824UR-1

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
LBAT54XV2T1G LRC-LBAT54XV2T1G Datasheet
150Kb / 3P
   Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54ALT1G LRC-LBAT54ALT1G_11 Datasheet
86Kb / 3P
   Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54WT1G LRC-LBAT54WT1G_11 Datasheet
146Kb / 3P
   Schottky Barrier Diodes Extremely Fast Switching Speed
logo
ON Semiconductor
BAT54XV2T1G ONSEMI-BAT54XV2T1G Datasheet
96Kb / 4P
   Schottky Barrier Diodes Extremely Fast Switching Speed
February, 2013 ??Rev. 8
logo
Pan Jit International I...
BAS40-AU PANJIT-BAS40-AU Datasheet
272Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES Fast switching speed
BAS70-AU PANJIT-BAS70-AU Datasheet
274Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES Fast switching speed
logo
Changzhou Shunye Electr...
1SS355 SY-1SS355 Datasheet
862Kb / 2P
   FAST SWITCHING DIODES
logo
Cystech Electonics Corp...
BAS21SH CYSTEKEC-BAS21SH Datasheet
239Kb / 5P
   Fast Switching Diodes
logo
SEMTECH ELECTRONICS LTD...
1N914 SEMTECH_ELEC-1N914 Datasheet
127Kb / 1P
   FAST SWITCHING DIODES
logo
Shunye Enterprise
1N4448WS SHUNYE-1N4448WS Datasheet
927Kb / 2P
   FAST SWITCHING DIODES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com