전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SD040SA60A 데이터시트(HTML) 2 Page - Sensitron

부품명 SD040SA60A
상세내용  SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 °C TJ Operation)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SENSITRON [Sensitron]
홈페이지  http://www.sensitron.com
Logo 

SD040SA60A 데이터시트(HTML) 2 Page - Sensitron

   
Zoom Inzoom in Zoom Outzoom out
/ 3 page
 2 / 3 page
background image
• 221 West Industry Court 3 Deer Park, NY 11729-4681 3 (631) 586-7600 FAX (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
DATA SHEET 1019, REV. A
Mechanical Dimensions: In Inches / mm
0.0
0.2
0.4
0.6
0.8
Forward Voltage Drop - VF (V)
10
-2
10-1
10
0
Typical Forward Characteristics
125 °C
150 °C
25 °C
0
10
20
30
40
50
60
Reverse Voltage - VR (V)
10
-4
10-3
10-2
10-1
100
10
1
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
0
10
20
30
40
50
60
Reverse Voltage - V
R (V)
10
15
20
25
30
35
40
45
50
Typical Junction Capacitance
SD040SA60A/B
Bottom side metalization Ag - 30 kÅ minimum.
Top side metalization Al - 25 kÅ minimum
or Ag - 30 kÅ minimum.
Bottom side is cathode, top side is anode.
Dimension H = 0.0105 ± 0.001 (0.27
± 0.026) for Al top;
Dimension H = 0.0155 ± 0.001 (0.39
± 0.026) for Ag top.
H
0.034
± 0.003
(0.86
± 0.077)
0.040
± 0.003
(1.02
± 0.077)


Html Pages

1  2  3 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn