전자부품 데이터시트 검색엔진 |
|
CD214A-T10A 데이터시트(PDF) 1 Page - Bourns Electronic Solutions |
|
CD214A-T10A 데이터시트(HTML) 1 Page - Bourns Electronic Solutions |
1 / 5 page CD214A Transient Voltage Suppressor Diode Series Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Features ■ Lead free versions available ■ RoHS compliant (lead free version)* ■ Surface Mount SMA package ■ Standoff Voltage: 5.0 to 170 volts ■ Power Dissipation: 400 watts General Information The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. Bourns offers Transient Voltage Suppressor Diodes for surge and ESD protection applications, in compact chip package DO-214AC (SMA) size format. The Transient Voltage Suppressor series offers a choice of Working Peak Reverse Voltage from 5 V up to 170 V and Breakdown Voltage up to 200 V. Typical fast response times are less than 1.0 ns for unidirectional devices and less than 5.0 ns for bidirectional devices from 0 V to Minimum Breakdown Voltage. Bourns® Chip Diodes conform to JEDEC standards, are easy to handle with standard pick and place equipment and the flat configuration minimizes roll away. Parameter Symbol Value Unit Minimum Peak Pulse Power Dissipation (TP = 1 ms) (Note 1,2) PPK 400 Watts Peak Forward Surge Current 8.3ms Single Half Sine Wave Superimposed on Rated Load IFSM 40 Amps (JEDEC Method) (Note 3) Steady State Power Dissipation @ TL = 75 °C PM(AV) 1.0 Watts Maximum Instantaneous Forward Voltage @ IPP = 35 A VF 3.5 Volts (For Unidirectional Units Only) Operating Temperature Range TJ -55 to +150 °C Storage Temperature Range TSTG -55 to +175 °C Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted) How To Order CD 214A - T 5.0 CA __ Common Code Chip Diode Package 214A = SMA/DO-214AC 214B = SMB/DO-214AA 214C = SMC/DO-214AB Model T = Transient Voltage Suppressor Series Working Peak Reverse Voltage 5.0 = 5.0 VRWM (Volts) 170 = 170 VRWM (Volts) Suffix A = 5 % Tolerance Device CA = 5 % Tolerance Bidirectional Device Terminations LF = 100 % Sn (lead free) Blank = Sn/Pb Reliable Electronic Solutions Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700 www.bourns.com 1. Non-repetitive current pulse, per Pulse Waveform graph and derated above TA = 25 °C per Pulse Derating Curve. 2. Thermal Resistance Junction to Lead. 3. 8.3 ms Single Half-Sine Wave duty cycle = 4 pulses maximum per minute (unidirectional units only). 4. Single Phase, Half Wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20 %. *RoHS Directive 2002/95/EC Jan 27 2003 including Annex |
유사한 부품 번호 - CD214A-T10A |
|
유사한 설명 - CD214A-T10A |