전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA1170D 데이터시트(Datasheet) 6 Page - STMicroelectronics

부품명 TDA1170D
상세내용  LOW-NOISE TV VERTICAL DEFLECTION SYSTEM
PDF  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo 

   
 6 page
background image
3
2
11
10
1
7
6
9
8
1N4001
100pF
S
P1
f sync =
50Hz
470pF
C1
C4
D1
C5
C10
C9
C6
R11
R13
R10
C11
R6
R12
P3
R7
R9
C7
C12
C8
R3
P2
C3
R2
R4
C2
R1
V
= 12V
4
5
12 13
15
14
16
T
D
A
1
1
7
0
D
R8
R5
0.1
µF
100
µF
470
µF
0.1
µF
4.7k
100k
150k
220k
0.1
µF
220k
910k
0.1
µF
0.1
µF
100k
82k
1.8k
1
0.1
µF
3.3
150k
22k
1.8k
2.2k
270
100
µF
2200
µF
YOKE
Ry = 2.9
Ly = 6mH
Figure 3 : Typical Application Circuit for Smal Screen B/W TV SET (Ry = 2.9
Ω, Ly = 6mH, Iy = 1.1App)
Figure 4 : P.C. Board and Components Layout of the Circuit of Fig. 3 (1 : 1 scale)
TDA1170D
6/8




Html 페이지

1  2  3  4  5  6  7  8 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA1170NLOW-NOISE TV VERTICAL DEFLECTION SYSTEM 1 2 3 4 5 MoreSTMicroelectronics
TDA1175PLOW-NOISE VERTICAL DEFLECTION SYSTEM 1 2 3 4 5 MoreSTMicroelectronics
STV9306BUS CONTROLLED VERTICAL DEFLECTION SYSTEM WITH EAST/WEST CORRECTION OUTPUT CIRCUIT 1 2 3 4 5 MoreSTMicroelectronics
STV9306ABus-Controlled Vertical Deflection System with East/West Correction Output Circuit 1 2 3 4 5 MoreSTMicroelectronics
TDA8176TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS 1 2 3 4 5 STMicroelectronics
NTE1289Integrated Circuit TV Vertical Deflection System 1 2 3 NTE Electronics
TDA1170STV VERTICAL DEFLECTION SYSTEM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NTE15002Integrated Circuit Color TV Vertical Deflection Output Circuit 1 2 NTE Electronics
NTE1858Integrated Circuit Vertical Deflection Circuit 1 2 3 4 NTE Electronics
NTE7131Integrated Circuit DC-Coupled Vertical Deflection Circuit 1 2 3 4 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl