전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD3870-3.8V 데이터시트(PDF) 1 Page - Unisonic Technologies

부품명 LD3870-3.8V
상세설명  LINEAR INTEGRATED CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD3870-3.8V 데이터시트(HTML) 1 Page - Unisonic Technologies

  LD3870-3.8V Datasheet HTML 1Page - Unisonic Technologies LD3870-3.8V Datasheet HTML 2Page - Unisonic Technologies LD3870-3.8V Datasheet HTML 3Page - Unisonic Technologies LD3870-3.8V Datasheet HTML 4Page - Unisonic Technologies LD3870-3.8V Datasheet HTML 5Page - Unisonic Technologies LD3870-3.8V Datasheet HTML 6Page - Unisonic Technologies LD3870-3.8V Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UTC LD3870
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R102-027,B
LOW DROPOUT VOLTAGE
REGULATOR
DESCRIPTION
The UTC LD3870 is low dropout voltage regulator
designed for cellular phone application.
FEATURES
* High Ripple Rejection: 56dB≤RR(DC<f<60kHz)
66dB typ. (f=100Hz)
60dB typ. (f=1kHz)
* Output Noise Voltage: Vno=30ΜV , Cp=0.01μF
* Output Current: Io(max)=150mA
* High Precision Output: Vo±2%
* Low Dropout Voltage: △Vl-o=0.12V typ.
(Io=60mA,Vo≥1.8V)
* Input Voltage range: +2~+14V(Vo=1.5V Version)
* ON/OFF Control: Active High
* Output capacitor with 4.7uF ceramic capacitor
* Internal Short Circuit Current Limit
* Internal Thermal Overload Protection
SOT-25
1
2
3
4
5
1:CONTROL(Active High)
2:GND
3:NOISE BYPASS
4:VOUT
5: VIN
MARKING INFORMATION
PART
NUMBER
VOLTAGE
VOLATGE
CODE
PART
NUMBER
VOLTAGE
VOLATGE
CODE
MARKING
LD3870-1.5V
1.5V
15
LD3870-3.1V
3.1V
31
LD3870-1.8V
1.8V
18
LD370-3.2V
3.2V
32
LD3870-1.9V
1.9V
19
LD3870-3.3V
3.3V
33
LD3870-2.0V
2.0V
20
LD3870-3.4V
3.4V
34
LD3870-2.1V
2.1V
21
LD3870-3.5V
3.5V
35
LD3870-2.3V
2.3V
23
LD3870-3.6V
3.6V
36
LD3870-2.4V
2.4V
24
LD3870-3.8V
3.8V
38
LD3870-2.5V
2.5V
25
LD3870-4.0V
4.0V
40
LD3870-2.6V
2.6V
26
LD3870-4.5V
4.5V
45
LD3870-2.7V
2.7V
27
LD3870-4.6V
4.6V
46
LD3870-2.8V
2.8V
28
LD3870-4.7V
4.7V
47
LD3870-2.85V
2.85V
2J
LD3870-4.8V
4.8V
48
LD3870-2.9V
2.9V
29
LD3870-5.0V
5.0V
50
LD3870-3.0V
3.0V
30
5
4
3
VOLTAGE
CODE
21
M B


유사한 부품 번호 - LD3870-3.8V

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
LD3870 UTC-LD3870 Datasheet
204Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LD3870 ETL-LD3870 Datasheet
210Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LD3870 UTC-LD3870 Datasheet
239Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
LD3870G-15-AF5-R UTC-LD3870G-15-AF5-R Datasheet
239Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
LD3870G-18-AF5-R UTC-LD3870G-18-AF5-R Datasheet
239Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
More results

유사한 설명 - LD3870-3.8V

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com