전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KF422 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 KF422
상세설명  R.F. AND SWITCHING TRANSISTORS N-P-N, HF. UND SCHALTTRANSISTOREN N-P-N
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

KF422 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  KF422 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - KF422

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KF422 KEC-KF422 Datasheet
116Kb / 2P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF PAGER)
KF422B KEC-KF422B Datasheet
177Kb / 3P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
KF422BS KEC-KF422BS Datasheet
397Kb / 4P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
KF422BV KEC-KF422BV Datasheet
397Kb / 4P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
KF422S KEC-KF422S Datasheet
116Kb / 2P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF PAGER)
More results

유사한 설명 - KF422

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
40406 NJSEMI-40406 Datasheet
346Kb / 2P
   Silicon N-P-N and P-N-P Power Transistors
2N5954 NJSEMI-2N5954 Datasheet
203Kb / 2P
   Silicon N-P-N and P-N-P Medium-Power Transistors
2N5954 NJSEMI-2N5954_13 Datasheet
203Kb / 2P
   Silicon N-P-N and P-N-P Medium-Power Transistors
2N6486 NJSEMI-2N6486 Datasheet
236Kb / 1P
   SILICON N-P-N AND P-N-P EPITAXIAL-BASE VERSAWATT TRANSISTORS
logo
Boca Semiconductor Corp...
2N6476 BOCA-2N6476 Datasheet
101Kb / 3P
   Epitaxial-Base, Silicon N-P-N and P-N-P VERSAWATT Transistors
2N6106 BOCA-2N6106 Datasheet
101Kb / 3P
   EPITAXIAL-BASE, SILICON N-P-N AND P-N-P VERSAWATT TRANSISTORS
logo
Intersil Corporation
BD795 INTERSIL-BD795 Datasheet
138Kb / 3P
   EPITAXIAL-BASE,SILICON N-P-N AND P-N-P VERSAWATT TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5781 NJSEMI-2N5781_16 Datasheet
145Kb / 2P
   Silicon N-P-N and P-N-P Epitaxial-Base Complementary-Symmetry Transistors
2N6461 NJSEMI-2N6461 Datasheet
202Kb / 2P
   N-P-N SILICON TRANSISTORS
2N5496 NJSEMI-2N5496 Datasheet
160Kb / 2P
   SILICON N-P-N TRANSISTORS
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com