전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

1F1 데이터시트(HTML) 1 Page - Pan Jit International Inc.

부품명 1F1
상세내용  FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo 

1F1 데이터시트(HTML) 1 Page - Pan Jit International Inc.

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
1F1 THRU 1F7
FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE - 50 to 1000 Volts
CURRENT - 1.0 Ampere
FEATURES
l
High current capability
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing
Flame Retardant Epoxy Molding Compound
l
1.0 ampere operation at TA=55 ¢J with no thermal runaway
l
Fast switching for high efficiency
l
Exceeds environmental standards of MIL-S-19500/228
l
Low leakage
MECHANICAL DATA
Case: Molded plastic, R-1
Terminals: Plated axial leads, solderable per MIL-STD-202,
Method 208
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.0064 ounce, 0.181 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1F1
1F2
1F3
1F4
1F5
1F6
1F7
UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current .375"(9.5mm) lead length at TA=55 ¢J
1.0
A
Peak Forward Surge Current 8.3ms single half sine
wave superimposed on rated load(JECEC method)
30
A
Maximum Forward Voltage at 1.0A DC
1.3
V
Maximum Reverse Current TJ=25 ¢J
at Rated DC Blocking Voltage TJ=100 ¢J
5.0
500
£g A
£g A
Typical Junction capacitance (Note 1) CJ
12
PF
Typical Thermal Resistance (Note 3) R £KJA
67
¢J /W
Maximum Reverse Recovery Time(Note 2)
150
150
150
150
250
500
500
ns
Operating and Storage Temperature Range TJ,TSTG
-55 to +150
¢J
NOTES:
1.
Measured at 1 MHz and applied reverse voltage of 4.0 VDC
2.
Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A
3.
Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm) lead length P.C.B.
mounted with 0.22×0.22"(5.5×5.5mm) copper pads
R-1


Html Pages

1  2 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn