전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPCA8014-H 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TPCA8014-H
상세설명  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8014-H 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TPCA8014-H Datasheet HTML 1Page - Toshiba Semiconductor TPCA8014-H Datasheet HTML 2Page - Toshiba Semiconductor TPCA8014-H Datasheet HTML 3Page - Toshiba Semiconductor TPCA8014-H Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPCA8014-H
2004-6-25
3
Electrical Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, V DS = 0 V
±10
µA
Drain cut-OFF current
IDSS
VDS = 40 V, V GS = 0 V
10
µA
V (BR) DSS
ID = 10 mA, VGS = 0 V
40
Drain-source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = −20 V
25
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.1
2.3
V
VGS = 10 V , ID = 15 A
7.0
9.5
Drain-source ON resistance
RDS (ON)
VGS = 4.5 V , ID = 15 A
10.5
15
m
Forward transfer admittance
|Yfs|
VDS = 10 V , ID = 15 A
TBD
TBD
S
Input capacitance
Ciss
1365
Reverse transfer capacitance
Crss
110
Output capacitance
Coss
500
pF
Gate resistance
Rg
VDS = 10 V , VGS = 0 V , f = 1 MHz
1.0
Ω
Rise time
tr
5
Turn-ON time
ton
11
Fall time
tf
3
Switching time
Turn-OFF time
toff
Duty <
= 1%, tw = 10 µs
18
ns
VDD
32 V, VGS = 10 V , ID = 30 A
22
Total gate charge
(gate-source plus gate-drain)
Qg
VDD
32 V, VGS = 5 V, ID = 30 A
12
Gate-source charge 1
Qgs1
5.1
Gate-drain (“miller”) charge
Qgd
4.9
Gate switch charge
QSW
VDD
32 V, VGS = 10 V , ID = 30 A
7.4
nC
Source-Drain Ratings and Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse
(Note 1)
IDRP
90
A
Forward voltage (diode)
VDSF
IDR = 30 A, V GS = 0 V
−1.2
V
VDD
20 V
0 V
VGS
10 V
ID = 15 A
VOUT


유사한 부품 번호 - TPCA8014-H

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCA8014-H TOSHIBA-TPCA8014-H Datasheet
338Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
logo
VBsemi Electronics Co.,...
TPCA8014-H VBSEMI-TPCA8014-H Datasheet
1Mb / 7P
   N-Channel 40 V (D-S) MOSFET
logo
Toshiba Semiconductor
TPCA8014-H TOSHIBA-TPCA8014-H_06 Datasheet
338Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
More results

유사한 설명 - TPCA8014-H

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCP8001-H TOSHIBA-TPCP8001-H Datasheet
249Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCA8004-H TOSHIBA-TPCA8004-H Datasheet
296Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCM8001-H TOSHIBA-TPCM8001-H_07 Datasheet
306Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPCP8003-H TOSHIBA-TPCP8003-H Datasheet
248Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPC8009-H TOSHIBA-TPC8009-H Datasheet
185Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
TPC8010-H TOSHIBA-TPC8010-H Datasheet
342Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
TPC6109-H TOSHIBA-TPC6109-H Datasheet
264Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPCP8103-H TOSHIBA-TPCP8103-H Datasheet
212Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra High speed U-MOSIII)
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com