전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS3908 데이터시트(PDF) 5 Page - Maxim Integrated Products

부품명 DS3908
상세설명  Dual, 64-Position Nonvolatile Digital Potentiometer with Buffered Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3908 데이터시트(HTML) 5 Page - Maxim Integrated Products

  DS3908 Datasheet HTML 1Page - Maxim Integrated Products DS3908 Datasheet HTML 2Page - Maxim Integrated Products DS3908 Datasheet HTML 3Page - Maxim Integrated Products DS3908 Datasheet HTML 4Page - Maxim Integrated Products DS3908 Datasheet HTML 5Page - Maxim Integrated Products DS3908 Datasheet HTML 6Page - Maxim Integrated Products DS3908 Datasheet HTML 7Page - Maxim Integrated Products DS3908 Datasheet HTML 8Page - Maxim Integrated Products DS3908 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Dual, 64-Position Nonvolatile Digital
Potentiometer with Buffered Outputs
_____________________________________________________________________
5
-1.0
-0.4
-0.6
-0.8
-0.2
0
0.2
0.4
0.6
0.8
1.0
-40
10
-15
356085
NORMALIZED POT END-END RESISTANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 5V
-1.25
-0.10
-0.15
-0.20
-0.05
0
0.05
0.10
0.15
0.20
0.25
0
10
20
30405060
POT INL vs. SETTING
POT0 SETTING (DEC)
GAIN = 1V/V
-1.25
-0.10
-0.15
-0.20
-0.05
0
0.05
0.10
0.15
0.20
0.25
0
10
20
30405060
POT DNL vs. SETTING
POT0 SETTING (DEC)
GAIN = 1V/V
-0.5
0.6
-0.2
-0.4
-0.3
0.1
0
-0.1
0.5
0.4
0.3
0.2
0.3
1.5
1.9
0.7
1.1
2.3
2.7
3.1
3.5
TYPICAL PGA OFFSET
vs. COMMON-MODE INPUT VOLTAGE
COMMON-MODE INPUT VOLTAGE (V)
GAIN = 1V/V
DATA OFFSET TO SHOW 0 AT 2V CMVIN
+85
°C
+25
°C
-40
°C
-0.2
-0.1
-0.15
0.05
0
-0.05
0.2
0.15
0.1
0.25
-40
10
-15
35
60
85
TYPICAL PGA OFFSET
vs. TEMPERATURE
TEMPERATURE (
°C)
CMVIN = 0.3V
CMVIN = 2.0V
CMVIN = 3.5V
Pin Description
TDFN PIN
NAME
FUNCTION
1
SDA
I2C Serial Data. Input/output for I2C data.
2
SCL
I2C Serial Clock. Input for I2C clock.
3, 4, 5
A0, A1, A2
Address-Select Inputs. Determines I2C address. Device address is 1010A2A1A0. (See the I2C Slave
Address and Address Pins section for more details.)
6WP
Write-Protect Input. Must be grounded to write to the registers. An internal pullup will lock the register
values if this pin is not connected.
7
GND
Ground Terminal
8, 11
L0, L1
Potentiometer Low Terminals. Voltages on these pins should remain between GND and VCC.
9, 12
V0, V1
Amplifier Outputs
10, 13
H0, H1
Potentiometer High Terminals. Voltages on these pins should remain between GND and VCC.
14
VCC
Supply Voltage Terminal
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)


유사한 부품 번호 - DS3908

제조업체부품명데이터시트상세설명
logo
Dallas Semiconductor
DS3900 DALLAS-DS3900 Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900 MAXIM-DS3900 Datasheet
894Kb / 15P
   Serial Communications Module For Evaluation Kits
2004
logo
Dallas Semiconductor
DS3900EVKIT DALLAS-DS3900EVKIT Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900EVKIT MAXIM-DS3900EVKIT Datasheet
894Kb / 15P
   Serial Communications Module For Evaluation Kits
2004
DS3900H2 MAXIM-DS3900H2 Datasheet
1Mb / 14P
   USB HID Communications Module for Evaluation Kits
Rev 0; 6/13
More results

유사한 설명 - DS3908

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5258BRMZ1-RL7 AD-AD5258BRMZ1-RL7 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5258 AD-AD5258_15 Datasheet
534Kb / 24P
   Nonvolatile, IC-Compatible 64-Position, Digital Potentiometer
REV. D
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com