전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS3908 데이터시트(PDF) 6 Page - Maxim Integrated Products

부품명 DS3908
상세설명  Dual, 64-Position Nonvolatile Digital Potentiometer with Buffered Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3908 데이터시트(HTML) 6 Page - Maxim Integrated Products

Back Button DS3908 Datasheet HTML 2Page - Maxim Integrated Products DS3908 Datasheet HTML 3Page - Maxim Integrated Products DS3908 Datasheet HTML 4Page - Maxim Integrated Products DS3908 Datasheet HTML 5Page - Maxim Integrated Products DS3908 Datasheet HTML 6Page - Maxim Integrated Products DS3908 Datasheet HTML 7Page - Maxim Integrated Products DS3908 Datasheet HTML 8Page - Maxim Integrated Products DS3908 Datasheet HTML 9Page - Maxim Integrated Products DS3908 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Dual, 64-Position Nonvolatile Digital
Potentiometer with Buffered Outputs
6
_____________________________________________________________________
POT0
H0
V0
L0
H1
V1
L1
I2C
INTERFACE
SDA
SCL
A0
A1
A2
WP
GND
VCC
DS3908
PGA0
POT1
PGA1
VCC
VCC
RWP
1x, 2x, 4x GAIN
F8h
F9h
FAh
FBh
G1
G0
EEPROM
1x, 2x, 4x GAIN
POT0 REGISTER
POT1 REGISTER
POT0/1 REGISTER
Functional Diagram
Detailed Description
The DS3908 contains two nonvolatile digital poten-
tiometers with programmable-gain amplifiers buffering
the wiper outputs.
The potentiometers have 63 equally weighted (linear-
taper) resistive elements, for a total of 64 taps. The
resistive elements are built using a low-temperature-
drift material, and have a typical 100k
Ω end-to-end
resistance. This produces an output that is highly lin-
ear, with the highest and lowest taps connected to high
(Hx) and low (Lx) terminals, respectively. The poten-
tiometers are independently controlled using an I2C-
compatible interface. Three address pins allow one of
eight slave addresses to be selected. The eight slave
addresses allow the DS3908 address to be customized
for applications with multiple I2C devices, and allow up
to eight DS3908s to be placed on the same I2C bus.
The potentiometer positions are saved in EEPROM, and
are recalled during each power-up to provide non-
volatile position settings. Once the settings are written,
the write-protect pin prevents accidental writes to the
potentiometers. The write-protection function is ideal for
analog factory calibration because it prevents errant
transactions on the I2C bus from corrupting the settings
of the device. The WP pin contains an internal pullup
resistor that must be pulled low to write to the device.
The programmable-gain amplifiers can be indepen-
dently set to one of three different gains—1V/V, 2V/V, or
4V/V. The amplifiers’ common-mode input range is from
ground to 1.5V below VCC, and the output is rail-to-rail
and capable of driving 1mA loads, 300mV from each
supply rail. The outputs are stable driving 100pF loads
for applications that require output filtering.
The addition of the amplifier to buffer the potentiometer
wiper offers distinct advantages over standard digital
potentiometers. The buffer provides a high-impedance
load for the potentiometer and a low-impedance volt-
age output. This improves the linearity of the output
voltage for systems that load the potentiometer by elim-
inating the changes in current through both the poten-
tiometer and the wiper impedance. It also allows
voltage gain from the potentiometer input to the output.
Because the amplifiers are integrated into the DS3908,
this is done without increasing the footprint of the
design or the complexity of the PC board.


유사한 부품 번호 - DS3908

제조업체부품명데이터시트상세설명
logo
Dallas Semiconductor
DS3900 DALLAS-DS3900 Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900 MAXIM-DS3900 Datasheet
894Kb / 15P
   Serial Communications Module For Evaluation Kits
2004
logo
Dallas Semiconductor
DS3900EVKIT DALLAS-DS3900EVKIT Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900EVKIT MAXIM-DS3900EVKIT Datasheet
894Kb / 15P
   Serial Communications Module For Evaluation Kits
2004
DS3900H2 MAXIM-DS3900H2 Datasheet
1Mb / 14P
   USB HID Communications Module for Evaluation Kits
Rev 0; 6/13
More results

유사한 설명 - DS3908

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5258BRMZ1-RL7 AD-AD5258BRMZ1-RL7 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5258 AD-AD5258_15 Datasheet
534Kb / 24P
   Nonvolatile, IC-Compatible 64-Position, Digital Potentiometer
REV. D
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com