전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HWD2182 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 HWD2182
상세설명  250mW Audio Power Amplifier with Shutdown Mode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

HWD2182 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  HWD2182 Datasheet HTML 1Page - List of Unclassifed Manufacturers HWD2182 Datasheet HTML 2Page - List of Unclassifed Manufacturers HWD2182 Datasheet HTML 3Page - List of Unclassifed Manufacturers HWD2182 Datasheet HTML 4Page - List of Unclassifed Manufacturers HWD2182 Datasheet HTML 5Page - List of Unclassifed Manufacturers HWD2182 Datasheet HTML 6Page - List of Unclassifed Manufacturers HWD2182 Datasheet HTML 7Page - List of Unclassifed Manufacturers HWD2182 Datasheet HTML 8Page - List of Unclassifed Manufacturers HWD2182 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HWD2182
250mW Audio Power Amplifier with Shutdown Mode
General Description
The HWD2182 isa single-ended audio power amplifier ca-
pable of delivering 250mW of continuous average power into
an 8
Ω load with 1% THD+N from a 5V power supply.
audio power amplifiers were designed specifically
to provide high quality output power with a minimal amount
of external components using surface mount packaging.
Since the HWD2182 does not require bootstrap capacitors or
snubber networks, it is optimally suited for low-power por-
table systems.
The HWD2182 features an externally controlled, low power
consumption shutdown mode which is virtually clickless and
popless, as well as an internal thermal shutdown protection
mechanism.
The unity-gain stable HWD2182 can be configured by external
gain-setting resistors.
Key Specifications
j THD+N at 1kHz at 250mW
continuous average output
power into 8
1.0% (max)
j Output Power at 1% THD+N
at 1kHz into 4
380mW (typ)
j THD+N at 1kHz at 85mW
continuous average output
power into 32
0.1% (typ)
j Shutdown Current
0.7µA (typ)
Features
n
MSOP surface mount packaging
n
“Click and Pop” Suppression Circuitry
n
Supply voltages from 2.4V–5.5V
n
Operating Temperature −40˚C to 85˚C
n
Unity-gain stable
n
External gain configuration capability
n
No bootstrap capacitors, or snubber circuits are
necessary
Applications
n
Personal Computers
n
Cellular Phones
n
General Purpose Audio
Typical Application
Connection Diagram
*Refer to the Application Information Section for information concerning
proper selection of the input and output coupling capacitors.
FIGURE 1. Typical Audio Amplifier Application Circuit
MSOP and SOIC Package
Top View
Order Number HWD2182MM or HWD2182M
1


유사한 부품 번호 - HWD2182

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
HWD2108 ETC1-HWD2108 Datasheet
944Kb / 18P
   Dual 105 mW Headphone Amplifier
HWD2111 ETC1-HWD2111 Datasheet
1Mb / 19P
   Dual 105mW Headphone Amplifier with Digital Volume Control and Shutdown Mode
HWD2119 ETC1-HWD2119 Datasheet
877Kb / 21P
   350mWAudio Power Amplifier with Shutdown Mode
HWD2190 ETC1-HWD2190 Datasheet
1Mb / 32P
   1 Watt Audio Power Amplifier
More results

유사한 설명 - HWD2182

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4882 NSC-LM4882 Datasheet
445Kb / 12P
   250mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4880 UTC-LM4880_12 Datasheet
401Kb / 12P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880 UTC-LM4880_15 Datasheet
396Kb / 11P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880 UTC-LM4880_07 Datasheet
285Kb / 11P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
   350mW Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com