전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IXSN80N60BD1 데이터시트(PDF) 4 Page - IXYS Corporation

부품명 IXSN80N60BD1
상세설명  IGBT with Diode Short Circuit SOA Capability
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSN80N60BD1 데이터시트(HTML) 4 Page - IXYS Corporation

  IXSN80N60BD1 Datasheet HTML 1Page - IXYS Corporation IXSN80N60BD1 Datasheet HTML 2Page - IXYS Corporation IXSN80N60BD1 Datasheet HTML 3Page - IXYS Corporation IXSN80N60BD1 Datasheet HTML 4Page - IXYS Corporation IXSN80N60BD1 Datasheet HTML 5Page - IXYS Corporation IXSN80N60BD1 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
6,404,065B1 6,162,665
6,534,343
6,583,505
of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
6,259,123B1 6,306,728B1 6,683,344
IXSN 80N60BD1
Fig. 7. Transconductance
0
10
20
30
40
50
60
70
80
90
0
40
80
120
160
200
240
280
320
I
C - A mperes
TJ = -40ºC
25ºC
125ºC
Fig. 8. Dependence of Turn-off
Energy Loss on R
G
0
2
4
6
8
10
12
14
2
4
6
8
10121416
R
G - Ohms
IC = 40A
TJ = 125ºC
V
GE = 15V
VCE = 480V
IC = 80A
I
C = 160A
Fig. 9. Dependence of Turn-Off
Energy Loss on I
C
0
1
2
3
4
5
6
7
8
9
10
11
40
60
80
100
120
140
160
I
C - A mperes
R
G = 2.7Ω
RG = 10Ω - - - -
V
GE = 15V
VCE = 480V
TJ = 125ºC
T
J = 25ºC
Fig. 10. Dependence of Turn-off
Energy Loss on Tem perature
0
1
2
3
4
5
6
7
8
9
10
11
25
35
45
55
65
75
85
95
105 115 125
T
J - Degrees Centigrade
IC = 160A
RG = 2.7Ω
R
G = 10Ω - - - -
VGE = 15V
V
CE = 480V
I
C = 80A
I
C = 40A
Fig. 11. Dependence of Turn-off
Sw itching Tim e on R
G
75
100
125
150
175
200
225
250
275
300
325
0
2
4
6
8
10
12
14
16
18
R
G - Ohms
I
C = 40A
t
d(off)
t
fi - - - - - -
T
J = 125ºC
VGE = 15V
VCE = 480V
I
C = 80A
I
C = 160A
Fig. 12. Dependence of Turn-off
Sw itching Tim e on I
C
75
100
125
150
175
200
225
250
275
40
60
80
100
120
140
160
I
C - A mperes
t
d(off)
t
fi
- - - - - -
RG = 2.7Ω
V
GE = 15V
VCE = 480V
TJ = 125ºC
TJ = 25ºC


유사한 부품 번호 - IXSN80N60BD1

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXSN80N60A IXYS-IXSN80N60A Datasheet
71Kb / 2P
   High Current IGBT - Short Circuit SOA Capability
IXSN80N60AU1 IXYS-IXSN80N60AU1 Datasheet
96Kb / 4P
   IGBT with Diode - Short Circuit SOA Capability
More results

유사한 설명 - IXSN80N60BD1

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXSN62N60U1 IXYS-IXSN62N60U1 Datasheet
68Kb / 2P
   IGBT with Diode - Short Circuit SOA Capability
IXSN80N60AU1 IXYS-IXSN80N60AU1 Datasheet
96Kb / 4P
   IGBT with Diode - Short Circuit SOA Capability
IXSN35N100U1 IXYS-IXSN35N100U1 Datasheet
80Kb / 6P
   IGBT with Diode - High Short Circuit SOA Capability
IXSN55N120AU1 IXYS-IXSN55N120AU1 Datasheet
70Kb / 2P
   High Voltage IGBT with Diode - Short Circuit SOA Capability
IXDN50N120AU1 IXYS-IXDN50N120AU1 Datasheet
141Kb / 2P
   High Voltage IGBT with Diode(Short Circuit SOA Capability)
IXSX50N60AU1 IXYS-IXSX50N60AU1 Datasheet
138Kb / 5P
   IGBT with Diode Combi Pack - Short Circuit SOA Capability
IXSK40N60BD1 IXYS-IXSK40N60BD1 Datasheet
50Kb / 2P
   IGBT with Diode PLUS247TM package Short Circuit SOA Capability
IXSH10N60B2D1 IXYS-IXSH10N60B2D1 Datasheet
517Kb / 6P
   High Speed IGBT with Diode Short Circuit SOA Capability
IXSN52N60AU1 IXYS-IXSN52N60AU1 Datasheet
148Kb / 5P
   IGBT with Diode Combi Pack - Short Circuit SOA Capability
logo
Powersem GmbH
PSHI50D12 POWERSEM-PSHI50D12 Datasheet
132Kb / 4P
   IGBT Module Short Circuit SOA Capability
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com