전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD1955NL 데이터시트(PDF) 7 Page - SamHop Microelectronics Corp.

부품명 STD1955NL
상세설명  N-Channel E nhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD1955NL 데이터시트(HTML) 7 Page - SamHop Microelectronics Corp.

  STD1955NL Datasheet HTML 1Page - SamHop Microelectronics Corp. STD1955NL Datasheet HTML 2Page - SamHop Microelectronics Corp. STD1955NL Datasheet HTML 3Page - SamHop Microelectronics Corp. STD1955NL Datasheet HTML 4Page - SamHop Microelectronics Corp. STD1955NL Datasheet HTML 5Page - SamHop Microelectronics Corp. STD1955NL Datasheet HTML 6Page - SamHop Microelectronics Corp. STD1955NL Datasheet HTML 7Page - SamHop Microelectronics Corp. STD1955NL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
5
35
9
3
95
05
7
41
7
85
30
3
84
0.94
3
3
4
5
9
3
9
1
6.00
0
36
4
9.70
1
82
398
1.425
1.625
56
0.064
0.650
0.850
6
33
L2
0.600
0.024
REF.
REF.
2.29
BSC
0.090
BSC
S TU/D1955NL
7


유사한 부품 번호 - STD1955NL

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
STD1955NL VBSEMI-STD1955NL Datasheet
963Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

유사한 설명 - STD1955NL

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
SDM4800 SAMHOP-SDM4800 Datasheet
649Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STM7096N SAMHOP-STM7096N Datasheet
701Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS2300S SAMHOP-STS2300S Datasheet
820Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS2306 SAMHOP-STS2306 Datasheet
646Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
SDU30N02 SAMHOP-SDU30N02 Datasheet
864Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
SDU3055L2 SAMHOP-SDU3055L2 Datasheet
859Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STU4530NL SAMHOP-STU4530NL Datasheet
770Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STC2200 SAMHOP-STC2200 Datasheet
712Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STM9410A SAMHOP-STM9410A Datasheet
729Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STS2302S SAMHOP-STS2302S Datasheet
806Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS3402 SAMHOP-STS3402 Datasheet
718Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com